Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5Y-1-H Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G5Y-1-H
Description  Low Signal Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5Y-1-H Datasheet(HTML) 7 Page - Omron Electronics LLC

  G5Y-1-H Datasheet HTML 1Page - Omron Electronics LLC G5Y-1-H Datasheet HTML 2Page - Omron Electronics LLC G5Y-1-H Datasheet HTML 3Page - Omron Electronics LLC G5Y-1-H Datasheet HTML 4Page - Omron Electronics LLC G5Y-1-H Datasheet HTML 5Page - Omron Electronics LLC G5Y-1-H Datasheet HTML 6Page - Omron Electronics LLC G5Y-1-H Datasheet HTML 7Page - Omron Electronics LLC G5Y-1-H Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
G5Y-1
G5Y-1
The separation between the strip line and each ground pattern
should be approximately the same as the strip line width.
• Conductive patterns should be designed to be as short as
possible. Meandering of the strip transmission line will
adversely affect the high-frequency characteristics of the
relay.
• Each ground pattern should be designed to be as wide as
possible so as not to generate a potential difference between
ground patterns.
• Avoid directing of conductive lines in the area of the PC
board on which the relay bottoms, as this can result in short-
circuiting.
s EXAMPLES OF PACKAGING DESIGN
Since these examples are presented with an eye to low cost
packaging, expensive packaging methods, such as thru-hole
connection, are not described. For this reason, the
characteristics of each circuit board should be checked
thoroughly before putting it to practical use.
The method of packaging using paper epoxy type double-
sided PC board.
The dielectric constant of a paper epoxy type double-sided PC
board is considered to be approximately the same as that of a
glass epoxy type PC board
(er = 4.8).
The width of a strip transmission line is as follows:
Unit mm (inch)
Thickness of
Impedance
Width of
PC board
(
Ω)
strip line
1.6 (0.06)
50
2.7 (0.11)
75
1.3 (0.05)
1.0 (0.04)
50
1.7 (0.07)
75
0.8 (0.03)
s HOW TO DESIGN PC BOARD
The figure above shows the conductive pattern side. The
microstrip connected to the contact terminal must be of the
above-mentioned pattern width. Ensure that the distance
between microstrip and each ground pattern is approximately
the same as the width of the microstrip. Connect with jumpers
between the top and bottom of the pattern at the points
marked “X” in the figure. The greater the number of jumper
points, the better the high-frequency characteristics. In this
manner, an isolation of 65 to 75 dB at 500 MHz or 50 dB at
900 MHz can be obtained. In this case, the components
mounting side of the PC board is entirely the ground pattern.
Remove the pattern around each of the contact terminals and
coil terminal in size 2.0x2.0 mm (0.08 x 0.08 in).
The method of packaging using a single-sided PC board
When a relay is mounted on a single-sided PC board, an
isolation of only 60 to 70 dB can be obtained at 200 MHz.
Therefore, to permit the relay on the single-sided PC board in
a higher frequency range, a metallic plate can be inserted
between the PC board and the relay, then connected to the
ground pattern.
As seen in the figure to the left, a metallic plate is sandwiched
between the relay and the PC board to connect to the pattern.
The key is that the ground terminal of the Type G5Y-1 relay,
the bent tabs A of the metallic plate, and the ground pattern
must be soldered together at one time.
This combination of a low-cost, single-sided PC board and a
low-cost, metallic plate, provides the same high-frequency
characteristics as when the relay is mounted on a double-
sided PC board.
By grounding the ground terminal of the Type G5Y-1 relay and
the metallic plate at the same place, excellent high-frequency
characteristics can be obtained.
In this method, the metallic plate must adhere firmly to the PC
board. The design of strip transmission lines should be the
same as when a double-sided PC board is employed.
CAUTION:
A key point in mounting the relay on a single-sided PC
board is to ensure that the relay base is not floating
above the PC board or metallic plate, but bottoms
firmly upon them.
Note:
In the interest of product improvement, specifications
are subject to change.


Similar Description - G5Y-1-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com