Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GC1000
Description  STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GC1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GC1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GC1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STEP RECOVERY DIODE COMB (HARMONIC)
GENERATORS
0.1 – 26 GHz
For Package Outlines see Outline Drawings Page
HEROTEK, INC. 155 Baytech Drive, San Jose, California 95134
Phone: (408) 941-8399 Fax: (408) 941-8388 Email:info@herotek.com www.herotek.com
Page 2
0603-1-2C


Similar Part No. - GC1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1012A TI-GC1012A Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
GC1012A-CQ TI-GC1012A-CQ Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
GC1012A-PQ TI-GC1012A-PQ Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
GC1012B TI-GC1012B Datasheet
249Kb / 28P
[Old version datasheet]   3.3V DIGITAL TUNER CHIP
GC1012B TI-GC1012B Datasheet
290Kb / 30P
[Old version datasheet]   3.3V DIGITAL TUNER CHIP
More results

Similar Description - GC1000

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
95100 SPECTRUM-95100 Datasheet
148Kb / 2P
   Comb Generators
logo
Microsemi Corporation
GG70140-01 MICROSEMI-GG70140-01 Datasheet
59Kb / 1P
   Control Components Comb Generators
logo
M/A-COM Technology Solu...
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
   Step Recovery Diode
MSD7XX MA-COM-MSD7XX Datasheet
526Kb / 4P
   Step Recovery Diode
logo
Advanced Semiconductor
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0310 ASI-5082-0310 Datasheet
17Kb / 1P
   SILICON STEP RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com