Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5212805FTD-A60 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM5212805FTD-A60
Description  128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5212805FTD-A60 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM5212805FTD-A60 Datasheet HTML 2Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 3Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 4Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 5Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 6Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 7Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 8Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 9Page - Hitachi Semiconductor HM5212805FTD-A60 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
HM5212165F/HM5212805F-75/A60/B60
6
Block Diagram (HM5212805F)
Column address
counter
Column address
buffer
Upper pellet
Lower pellet
Row address
buffer
Refresh
counter
Column address
counter
Column address
buffer
Row address
buffer
Refresh
counter
A0 to A13
A0 to A13
DQ4 to DQ7
DQ0 to DQ3
Input buffer
Output buffer
Row decoder
CLK
CKE
CS
RAS
CAS
WE
DQM
A0 to A9
Row decoder
Row decoder
Row decoder
Row decoder
Row decoder
Row decoder
Row decoder
Memory array
Bank0
4096 row
× 1024 column
× 4 bit
Memory array
Bank1
4096 row
× 1024 column
× 4 bit
Memory array
Bank2
4096 row
× 1024 column
× 4 bit
Memory array
Bank3
4096 row
× 1024 column
× 4 bit
Memory array
Bank0
4096 row
× 1024 column
× 4 bit
Memory array
Bank1
4096 row
× 1024 column
× 4 bit
Memory array
Bank2
4096 row
× 1024 column
× 4 bit
Memory array
Bank3
4096 row
× 1024 column
× 4 bit
Input buffer
Output buffer


Similar Part No. - HM5212805FTD-A60

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5212805FTD-A60 ELPIDA-HM5212805FTD-A60 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
More results

Similar Description - HM5212805FTD-A60

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5212325F HITACHI-HM5212325F Datasheet
62Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com