Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4746C Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1N4746C
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4746C Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N4746C Datasheet HTML 1Page - EIC discrete Semiconductors 1N4746C Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
(mApk)
1N4728C
3.3
76.0
10
400
1.0
100
1.0
276
1380
1N4729C
3.6
69.0
10
400
1.0
100
1.0
252
1260
1N4730C
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
1N4731C
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
1N4732C
4.7
53.0
8.0
500
1.0
10
1.0
193
970
1N4733C
5.1
49.0
7.0
550
1.0
10
1.0
178
890
1N4734C
5.6
45.0
5.0
600
1.0
10
2.0
162
810
1N4735C
6.2
41.0
2.0
700
1.0
10
3.0
146
730
1N4736C
6.8
37.0
3.5
700
1.0
50
4.0
133
660
1N4737C
7.5
34.0
4.0
700
0.5
50
5.0
121
605
1N4738C
8.2
31.0
4.5
700
0.5
50
6.0
110
550
1N4739C
9.1
28.0
5.0
700
0.5
50
7.0
100
500
1N4740C
10
25.0
7.0
700
0.25
50
7.6
91
454
1N4741C
11
23.0
8.0
700
0.25
50
8.4
83
414
1N4742C
12
21.0
9.0
700
0.25
5.0
9.1
76
380
1N4743C
13
19.0
10
700
0.25
5.0
9.9
69
344
1N4744C
15
17.0
14
700
0.25
5.0
11.4
61
305
1N4745C
16
15.5
16
700
0.25
5.0
12.2
57
285
1N4746C
18
14.0
20
750
0.25
5.0
13.7
50
250
1N4747C
20
12.5
22
750
0.25
5.0
15.2
45
225
1N4748C
22
11.5
23
750
0.25
5.0
16.7
41
205
1N4749C
24
10.5
25
750
0.25
5.0
18.2
38
190
1N4750C
27
9.5
35
750
0.25
5.0
20.6
34
170
1N4751C
30
8.5
40
1000
0.25
5.0
22.8
30
150
1N4752C
33
7.5
45
1000
0.25
5.0
25.1
27
135
1N4753C
36
7.0
50
1000
0.25
5.0
27.4
25
125
1N4754C
39
6.5
60
1000
0.25
5.0
29.7
23
115
1N4755C
43
6.0
70
1500
0.25
5.0
32.7
22
110
1N4756C
47
5.5
80
1500
0.25
5.0
35.8
19
95
1N4757C
51
5.0
95
1500
0.25
5.0
38.8
18
90
1N4758C
56
4.5
110
2000
0.25
5.0
42.6
16
80
1N4759C
62
4.0
125
2000
0.25
5.0
47.1
14
70
1N4760C
68
3.7
150
2000
0.25
5.0
51.7
13
65
1N4761C
75
3.3
175
2000
0.25
5.0
56.0
12
60
1N4762C
82
3.0
200
3000
0.25
5.0
62.2
11
55
1N4763C
91
2.8
250
3000
0.25
5.0
69.2
10
50
1N4764C
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
Z1110C
110
2.3
450
4000
0.25
5.0
83.6
8.6
40
Z1120C
120
2.0
550
4500
0.25
5.0
91.2
7.8
37
Z1130C
130
1.9
700
5000
0.25
5.0
98.8
7.0
34
Z1150C
150
1.7
1000
6000
0.25
5.0
114.0
6.4
30
Z1160C
160
1.6
1100
6500
0.25
5.0
121.6
5.8
28
Z1180C
180
1.4
1200
7000
0.25
5.0
136.8
5.2
25
Z1200C
200
1.2
1900
9990
0.25
5.0
152.0
4.7
22
Z1240C
240
0.93
1800
8500
0.25
5.0
182.4
3.8
19
Z1250C
250
0.90
2000
9000
0.25
5.0
190
3.6
18
Z1270C
270
0.82
2100
9000
0.25
5.0
205
3.3
16
Z1300C
300
0.75
2300
9500
0.25
5.0
228
3.0
15
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage o
f ± 2 %.
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
on IZT per JEDEC Method
Page 2 of 2
Rev. 04 : May 27, 2006
TYPE
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1N4746C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N4746CG EIC-1N4746CG Datasheet
33Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4746C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com