Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N980B Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1N980B
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N980B Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N980B Datasheet HTML 1Page - EIC discrete Semiconductors 1N980B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Maximum Zener
Maximum Reverse
Maximum DC.
Type
VZ @ IZT
Impedance
(1)
Leakage Current
Zener Current
Number
Nominal
IZT
ZZT @ IZT
ZZk @ IZK
IZK
IR
at VR
IZM
(2)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
1N957B
6.8
18.5
4.5
700
1.00
150
5.2
58
1N958B
7.5
16.5
5.5
700
0.50
75
5.7
53
1N959B
8.2
15.0
6.5
700
0.50
50
6.2
47
1N960B
9.1
14.0
7.5
700
0.50
25
6.9
43
1N961B
10
12.5
8.5
700
0.25
10
7.6
40
1N962B
11
11.5
9.5
700
0.25
5
8.4
36
1N963B
12
10.5
11.5
700
0.25
5
9.1
32
1N964B
13
9.5
13
700
0.25
5
9.9
29
1N965B
15
8.5
16
700
0.25
5
11.4
27
1N966B
16
7.8
17
700
0.25
5
12.2
24
1N967B
18
7.0
21
750
0.25
5
13.7
21
1N968B
20
6.2
25
750
0.25
5
15.2
20
1N969B
22
5.6
29
750
0.25
5
16.7
18
1N970B
24
5.2
33
750
0.25
5
18.2
16
1N971B
27
4.6
41
750
0.25
5
20.6
14
1N972B
30
4.2
49
1000
0.25
5
22.8
13
1N973B
33
3.8
58
1000
0.25
5
25.1
12
1N974B
36
3.4
70
1000
0.25
5
27.4
11
1N975B
39
3.2
80
1000
0.25
5
29.7
10
1N976B
43
3.0
93
1500
0.25
5
32.7
9.2
1N977B
47
2.7
105
1500
0.25
5
35.8
8.5
1N978B
51
2.5
125
1500
0.25
5
38.8
7.8
1N979B
56
2.2
150
2000
0.25
5
42.6
6.9
1N980B
62
2.0
185
2000
0.25
5
47.1
6.3
1N981B
68
1.8
230
2000
0.25
5
51.7
5.7
1N982B
75
1.7
270
2000
0.25
5
56
5.2
1N983B
82
1.5
330
3000
0.25
5
62.2
4.7
1N984B
91
1.4
440
3000
0.25
5
69.2
4.3
Notes:
(1) The Zener Impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal
to 10% of the Zener current (IZT) is superimposed on IZT. Zener Impedance is measured at two points to insure a sharp knee
on the breakdown curve and to eliminate unstable units.
(2) Valid provided that leads at a distance of 3/8” from case are kept at 25
°C ambient temperature.
(3) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%.
Page 2 of 2
Rev. 02 : March 25, 2005


Similar Part No. - 1N980B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N980B JGD-1N980B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Yea Shin Technology Co....
1N980B YEASHIN-1N980B Datasheet
1Mb / 9P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N980B CDI-DIODE-1N980B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Digitron Semiconductors
1N980B DIGITRON-1N980B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N980B MICROSEMI-1N980B Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
More results

Similar Description - 1N980B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com