Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD16M64D8A-F10L Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M64D8A-F10L
Description  Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M64D8A-F10L Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HSD16M64D8A-F10L Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M64D8A-F10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HANBit
HSD16M64D8A
URL:www.hbe.co.kr
- 4 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
PIN FUNCTION DESCRIPTION
PIN
NAME
INPUTT FUNCTION
CLK
System clock
Active on the positive going edge to sample all inputs.
/CE
Chip enable
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
CKE should be enabled 1CLK+tSS prior to valid command.
A0 ~ A11
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, Column address : CA0 ~ CA9
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
/RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
/CAS
Column
address
strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
/WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
DQM0 ~ 7
Data
input/output
mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active. (Byte masking)
DQ0 ~ 63
Data input/output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power
supply/ground
Power and ground for the input buffers and the core logic.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage on Any Pin Relative to Vss
VIN ,OUT
-1V to 4.6V
Voltage on Vcc Supply Relative to Vss
Vcc
-1V to 4.6V
Power Dissipation
PD
8W
Storage Temperature
TSTG
-55oC to 150oC
Short Circuit Output Current
IOS
200mA
Notes:
Permanent device damage may occur if " Absolute Maximum Ratings" are exceeded.
Functional operation should be
restricted to the conditions as detailed in the operational sections of this data sheet.
Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.


Similar Part No. - HSD16M64D8A-F10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64D8B-10 HANBIT-HSD16M64D8B-10 Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64D8B-10L HANBIT-HSD16M64D8B-10L Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64D8B-13 HANBIT-HSD16M64D8B-13 Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD16M64D8A-F10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com