Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC90A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1SMC90A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SMC90A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1SMC90A Datasheet HTML 1Page - EIC discrete Semiconductors 1SMC90A Datasheet HTML 2Page - EIC discrete Semiconductors 1SMC90A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25°C ambient temperature unless otherwise specified)
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ T (1)
Reverse
Reverse
Peak Pulse
Clamping
Voltage
Leakage
Surge Current
Voltage @ IPPM
@ VWM
VBR (V)
IT
VWM
ID
IPPM
VC
Min.
Max.
(mA)
(V)
(
μA)
(A)
(V)
1SMC5.0A
6.40
7.07
10
5.0
1000
163.0
9.2
1SMC6.0A
6.67
7.37
10
6.0
1000
145.6
10.3
1SMC6.5A
7.22
7.98
10
6.5
500
133.9
11.2
1SMC7.0A
7.78
8.6
10
7.0
200
125.0
12.0
1SMC7.5A
8.33
9.21
1.0
7.5
100
116.3
12.9
1SMC8.0A
8.89
9.83
1.0
8.0
50
110.3
13.6
1SMC8.5A
9.44
10.4
1.0
8.5
20
104.2
14.4
1SMC9.0A
10.0
11.1
1.0
9.0
10
97.4
15.4
1SMC10A
11.1
12.3
1.0
10
5.0
88.2
17.0
1SMC11A
12.2
13.5
1.0
11
5.0
82.4
18.2
1SMC12A
13.3
14.7
1.0
12
5.0
75.4
19.9
1SMC13A
14.4
15.9
1.0
13
5.0
69.8
21.5
1SMC14A
15.6
17.2
1.0
14
5.0
64.7
23.2
1SMC15A
16.7
18.5
1.0
15
5.0
61.5
24.4
1SMC16A
17.8
19.7
1.0
16
5.0
57.7
26.0
1SMC17A
18.9
20.9
1.0
17
5.0
54.3
27.6
1SMC18A
20.0
22.1
1.0
18
5.0
51.4
29.2
1SMC20A
22.2
24.5
1.0
20
5.0
46.3
32.4
1SMC22A
24.4
26.9
1.0
22
5.0
42.3
35.5
1SMC24A
26.7
29.5
1.0
24
5.0
38.6
38.9
1SMC26A
28.9
31.9
1.0
26
5.0
35.6
42.1
1SMC28A
31.1
34.4
1.0
28
5.0
33.0
45.4
1SMC30A
33.3
36.8
1.0
30
5.0
31.0
48.4
1SMC33A
36.7
40.6
1.0
33
5.0
28.1
53.3
1SMC36A
40.0
44.2
1.0
36
5.0
25.8
58.1
1SMC40A
44.4
49.1
1.0
40
5.0
23.3
64.5
1SMC43A
47.8
52.8
1.0
43
5.0
21.6
69.4
1SMC45A
50.0
55.3
1.0
45
5.0
20.6
72.7
1SMC48A
53.3
58.9
1.0
48
5.0
19.4
77.4
1SMC51A
56.7
62.7
1.0
51
5.0
18.2
82.4
1SMC54A
60.0
66.3
1.0
54
5.0
17.2
87.1
1SMC58A
64.4
71.2
1.0
58
5.0
16.0
93.6
1SMC60A
66.7
73.7
1.0
60
5.0
15.5
96
1SMC64A
71.1
78.6
1.0
64
5.0
14.6
103
1SMC70A
77.8
86
1.0
70
5.0
13.3
113
1SMC75A
83.3
92.1
1.0
75
5.0
12.4
121
1SMC78A
86.7
95.8
1.0
78
5.0
11.9
126
1SMC85A
94.4
104
1.0
85
5.0
10.9
137
1SMC90A
100
111
1.0
90
5.0
10.3
146
1SMC100A
111
123
1.0
100
5.0
9.3
162
1SMC110A
122
135
1.0
110
5.0
8.5
177
1SMC120A
133
147
1.0
120
5.0
7.8
193
1SMC130A
144
159
1.0
130
5.0
7.2
209
1SMC150A
167
185
1.0
150
5.0
6.2
243
1SMC160A
178
197
1.0
160
5.0
5.8
259
1SMC170A
189
209
1.0
170
5.0
5.50
275
1SMC188A
209
231
1.0
188
5.0
4.60
328
Notes :
(1) Pulse test : tp ≤ 50ms.
(2) Surge Current Waveform per Figure 5 and Derate per Figure
(3) For bi-directional types have VWM of 10 Volts and less , the D limit is doubled
(4) For the bi-directional 1SMC5.0CA, the maximum V
BR
is 7.25V
(5) "1SMC" will be omitted in marking on the diode
Page 2 of 3
Rev. 02 : March 31, 2005
Type No.


Similar Part No. - 1SMC90A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC90A CENTRAL-1SMC90A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Motorola, Inc
1SMC90A MOTOROLA-1SMC90A Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Central Semiconductor C...
1SMC90A CENTRAL-1SMC90A Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
logo
Bruckewell Technology L...
1SMC90A BWTECH-1SMC90A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
logo
Central Semiconductor C...
1SMC90A CENTRAL-1SMC90A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1SMC90A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com