Electronic Components Datasheet Search |
|
3KE30C Datasheet(PDF) 1 Page - EIC discrete Semiconductors |
|
3KE30C Datasheet(HTML) 1 Page - EIC discrete Semiconductors |
1 / 4 page 3KE13C SERIES BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR VBR : 13 - 440 Volts PPK : 3000 Watts FEATURES : * 3000W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1µA above 22V MECHANICAL DATA * Case : DO-201Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Mounting position : Any * Weight : 0.93 grams DEVICES FOR UNIPOLAR APPLICATIONS For uni-directional without C suffix Electrical characteristics apply in both directions MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified. Rating Symbol Value Unit Peak Power Dissipation at Ta = 25 °C, Tp=1ms (Note1) PPK Minimum 3000 W Steady State Power Dissipation at TL = 75 °C Lead Lengths 0.375", (9.5mm) (Note 2) Operating and Storage Temperature Range TJ, TSTG - 65 to + 175 °C Note : (1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25 °C per Fig. 1 (2) Mounted on Copper Leaf area of 1.57 in 2 (40mm2). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum. Page 1 of 4 Rev. 04 : March 25, 2005 PD 5.0 W DO-201 0.375 (9.53) 0.285 (7.24) 0.21 (5.33) 0.19 (4.83) 0.042 (1.07) 0.038 (0.97) Dimensions in inches and (millimeters) 1.00 (25.4) MIN. 1.00 (25.4) MIN. * Pb / RoHS Free |
Similar Part No. - 3KE30C |
|
Similar Description - 3KE30C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |