Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C6V8G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BZX85C6V8G
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX85C6V8G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BZX85C6V8G Datasheet HTML 1Page - EIC discrete Semiconductors BZX85C6V8G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse Maximum DC
Temp. coefficient
Type
Voltage
(1)
Impedance, f = 1kHz
Leakage Current
Zener Current
of Zener Voltage
Number
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(2)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
min.
max.
BZX85C2V7G
2.7
80
20
400
1.0
150
1.0
370
-0.08
-0.05
BZX85C3V0G
3.0
80
20
400
1.0
100
1.0
340
-0.08
-0.05
BZX85C3V3G
3.3
80
20
400
1.0
40
1.0
320
-0.08
-0.05
BZX85C3V6G
3.6
60
15
500
1.0
20
1.0
290
-0.08
-0.05
BZX85C3V9G
3.9
60
15
500
1.0
10
1.0
280
-0.07
-0.02
BZX85C4V3G
4.3
50
13
500
1.0
3.0
1.0
250
-0.05
0.010
BZX85C4V7G
4.7
45
13
500
1.0
3.0
1.0
215
-0.03
0.040
BZX85C5V1G
5.1
45
10
500
1.0
1.0
1.5
200
-0.01
0.040
BZX85C5V6G
5.6
45
7.0
400
1.0
1.0
2.0
190
0
0.045
BZX85C6V2G
6.2
35
4.0
300
1.0
1.0
3.0
170
0.010
0.055
BZX85C6V8G
6.8
35
3.5
300
1.0
1.0
4.0
155
0.015
0.060
BZX85C7V5G
7.5
35
3.0
200
0.5
1.0
4.5
140
0.020
0.065
BZX85C8V2G
8.2
25
5.0
200
0.5
1.0
6.2
130
0.030
0.070
BZX85C9V1G
9.1
25
5.0
200
0.5
1.0
6.8
120
0.040
0.075
BZX85C10G
10
25
7.0
200
0.5
0.5
7.5
105
0.450
0.080
BZX85C11G
11
20
8.0
300
0.5
0.5
8.2
97
0.045
0.080
BZX85C12G
12
20
9.0
350
0.5
0.5
9.1
88
0.045
0.085
BZX85C13G
13
20
10
400
0.5
0.5
10
79
0.050
0.085
BZX85C15G
15
15
10
500
0.5
0.5
11
71
0.055
0.090
BZX85C16G
16
15
15
500
0.5
0.5
12
66
0.055
0.090
BZX85C18G
18
15
20
500
0.5
0.5
13
62
0.060
0.090
BZX85C20G
20
10
24
600
0.5
0.5
15
56
0.060
0.090
BZX85C22G
22
10
25
600
0.5
0.5
16
52
0.060
0.095
BZX85C24G
24
10
25
600
0.5
0.5
18
47
0.060
0.095
BZX85C27G
27
8.0
30
750
0.25
0.5
20
41
0.060
0.095
BZX85C30G
30
8.0
30
1000
0.25
0.5
22
36
0.060
0.095
BZX85C33G
33
8.0
35
1000
0.25
0.5
24
33
0.060
0.095
BZX85C36G
36
8.0
40
1000
0.25
0.5
27
30
0.060
0.095
BZX85C39G
39
6.0
50
1000
0.25
0.5
30
28
0.060
0.095
BZX85C43G
43
6.0
50
1000
0.25
0.5
33
26
0.060
0.095
BZX85C47G
47
4.0
90
1500
0.25
0.5
36
23
0.060
0.095
BZX85C51G
51
4.0
115
1500
0.25
0.5
39
21
0.060
0.095
BZX85C56G
56
4.0
120
2000
0.25
0.5
43
19
0.060
0.095
BZX85C62G
62
4.0
125
2000
0.25
0.5
47
16
0.060
0.095
BZX85C68G
68
4.0
130
2000
0.25
0.5
51
15
0.055
0.095
BZX85C75G
75
4.0
135
2000
0.25
0.5
56
14
0.055
0.095
BZX85C82G
82
2.7
200
3000
0.25
0.5
62
12
0.055
0.095
BZX85C91G
91
2.7
250
3000
0.25
0.5
68
10
0.055
0.095
BZX85C100G
100
2.7
350
3000
0.25
0.5
75
9.4
0.055
0.095
BZX85C110G
110
2.7
450
4000
0.25
0.5
82
8.6
0.055
0.095
BZX85C120G
120
2.0
550
4500
0.25
0.5
91
7.8
0.055
0.095
BZX85C130G
130
2.0
700
5000
0.25
0.5
100
7.0
0.055
0.095
BZX85C150G
150
2.0
1000
6000
0.25
0.5
110
6.4
0.055
0.095
BZX85C160G
160
1.5
1100
6500
0.25
0.5
120
5.8
0.055
0.095
BZX85C180G
180
1.5
1200
7000
0.25
0.5
130
5.2
0.055
0.095
BZX85C200G
200
1.5
1500
8000
0.25
0.5
150
4.7
0.055
0.095
Notes: (1) Measured with pulses tp = 5 ms
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(3) The type number listed have a standard tolerance on the nominal zener voltage of
± 5%.
Page 2 of 2
Rev. 04 : March 25, 2005
α
mvz(% / °C)


Similar Part No. - BZX85C6V8G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C6V8 VISHAY-BZX85C6V8 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C6V8 RECTRON-BZX85C6V8 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Continental Device Indi...
BZX85C6V8 CDIL-BZX85C6V8 Datasheet
108Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C6V8 FAIRCHILD-BZX85C6V8 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C6V8 TSC-BZX85C6V8 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Similar Description - BZX85C6V8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com