Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55C68 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BZV55C68
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZV55C68 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BZV55C68 Datasheet HTML 1Page - EIC discrete Semiconductors BZV55C68 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZV55C Series
ZENER DIODES
VZ : 2.4 to 75V
PD : 500mW
FEATURES :
• Silicon planar zener diodes
• For use as low voltage stabilizer or voltage reference.
• Standard Zener voltage tolerance is
± 5%
• Pb / RoHS Free
MECHANICAL DATA :
* Case : MiniMELF Glass Case (SOD-80C)
* Weight : 0.05 gram (approximately)
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Maximum Forward Voltage at IF = 10 mA.
VF
0.9
V
Power Dissipation at Tflange = 50
°C
PD
500
mW
Power Dissipation at Ta = 50
°C
PD
400
1)
mW
Continuous Forward Current
IF
250
mA
Thermal Resistance Junction to Ambient Air
RθJA
0.38
(1)
°C/mW
Thermal Resistance Junction to Lead
RθJL
0.3
°C/mW
Peak reverse power dissipation (non-repetitive) tp = 100
µs
PZSM
30
(2)
W
Junction temperature
TJ
-65 to + 200
°C
Storage temperature range
TS
-65 to + 200
°C
Notes: (1) Mounted on ceramic substrate 10mm x 10mm x 0.6mm
(2) Tj = 150
°C
Page 1 of 2
Rev. 02 : March 25, 2005
Parameter
Dimensions in inches and ( millimeters )
MiniMELF (SOD-80C)
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
Mounting Pad Layout
0.197 (5.00)
REF
0.049 (1.25)Min.
0.098 (2.50)
Max.
0.079 (2.00)Min.


Similar Part No. - BZV55C68

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C68 CDI-DIODE-BZV55C68 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C68 MICROSEMI-BZV55C68 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C68 CENTRAL-BZV55C68 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C68 CDIL-BZV55C68 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55C68 TSC-BZV55C68 Datasheet
64Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZV55C68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com