Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLZ4.7C Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # GLZ4.7C
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GLZ4.7C Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  GLZ4.7C Datasheet HTML 1Page - EIC discrete Semiconductors GLZ4.7C Datasheet HTML 2Page - EIC discrete Semiconductors GLZ4.7C Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Test
Maximum Zener
Maximum
Current
Impedance , f = 1kHz
Reverse Current
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
at VR
min.
max.
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
Type
Vz (V) at IZT
Zener Voltage
Rank
A
13.45
14.13
B
13.89
14.62
C
14.35
15.09
A
14.80
15.57
B
15.25
16.04
C
15.69
16.51
A
16.22
17.06
B
16.82
17.70
C
17.42
18.33
A
18.02
18.96
B
18.63
19.59
C
19.23
20.22
D
19.72
20.72
A
20.15
21.20
B
20.64
21.71
C
21.08
22.17
D
21.52
22.63
A
22.05
23.18
B
22.61
23.77
C
23.12
24.31
D
23.63
24.85
A
24.26
25.52
B
24.97
26.26
C
25.63
26.95
D
26.29
27.54
A
26.99
28.39
B
27.70
29.13
C
28.36
29.82
D
29.20
30.51
A
29.68
31.22
B
30.32
31.88
C
30.90
32.50
D
31.49
33.11
A
31.14
33.79
B
32.76
34.49
C
33.40
35.13
D
34.01
35.77
A
34.68
36.47
B
35.36
37.19
C
36.00
37.85
D
36.63
38.52
Notes:
(1) The Zener voltage is measured 40ms after power is supplied.
(2) Specify Zener voltage rank (A, B, C, or D) when ordering parts
Page 3 of 3
Rev. 02 : March 25, 2005
0.5
0.2
30
GLZ39
5
85
250
0.5
0.2
25
GLZ36
5
75
250
0.5
0.2
27
GLZ33
5
65
250
0.5
0.2
21
GLZ30
5
55
250
0.5
0.2
23
GLZ27
5
45
200
0.5
0.2
17
GLZ24
5
35
200
0.5
0.2
19
GLZ22
5
30
200
0.5
0.2
13
GLZ20
10
28
200
0.5
0.2
15
GLZ18
10
23
150
GLZ16
10
18
150
0.5
0.2
12
0.5
0.2
11
GLZ15
10
16
110


Similar Part No. - GLZ4.7C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZ4.7C PANJIT-GLZ4.7C Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ4.7C FRONTIER-GLZ4.7C Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ4.7C-LFR FRONTIER-GLZ4.7C-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ4.7C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com