Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06P136B Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BZW06P136B
Description  BIDIRECTIONAL TRANSIENT SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZW06P136B Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BZW06P136B Datasheet HTML 1Page - EIC discrete Semiconductors BZW06P136B Datasheet HTML 2Page - EIC discrete Semiconductors BZW06P136B Datasheet HTML 3Page - EIC discrete Semiconductors BZW06P136B Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZW06-5V8B SERIES
BIDIRECTIONAL TRANSIENT
SUPPRESSOR
VBR : 6.8 - 440 Volts
PPK : 600 Watts
FEATURES :
* 600W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min)
* Typical IR less then 1µA above 10V
* Pb / RoHS Free
MECHANICAL DATA
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Mounting position : Any
* Weight : 0.465 gram
DEVICES FOR BIPOLAR APPLICATIONS
For uni-directional without B suffix
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power for 1 msec. Exponential Pulse
PPP
Minimum 600
Watt
Steady State Power Dissipation ( L=10mm )
PD
5.0
Watt
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on Copper Leaf area of 1.57 in
2 (40mm2).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
Page 1 of 4
Rev. 04 : August 29, 2005
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - BZW06P136B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZW06P136B SUNMATE-BZW06P136B Datasheet
467Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - BZW06P136B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N6058A NJSEMI-1N6058A Datasheet
85Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6054A NJSEMI-1N6054A Datasheet
88Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6052 NJSEMI-1N6052 Datasheet
74Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6056A NJSEMI-1N6056A Datasheet
72Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6071A NJSEMI-1N6071A Datasheet
78Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6042 NJSEMI-1N6042 Datasheet
74Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6061A NJSEMI-1N6061A Datasheet
79Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6123A NJSEMI-1N6123A Datasheet
110Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6050 NJSEMI-1N6050 Datasheet
93Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Digitron Semiconductors
1N6036 DIGITRON-1N6036 Datasheet
297Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com