Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ7V5 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MMSZ7V5
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MMSZ7V5 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MMSZ7V5 Datasheet HTML 1Page - EIC discrete Semiconductors MMSZ7V5 Datasheet HTML 2Page - EIC discrete Semiconductors MMSZ7V5 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise note, V
F = 0.9 Vmax. @ IF = 10 mA)
ZZT1
(3)
ZZT2
(3)
Max. Reverse
@ IZT1 =
@ IZT2 =
Leakage
TYPE NO.
5 mA
1 mA
Current
Min
Nom
Max
Min
Max
(μA)
(V)
MMSZ2V4
4C
2.28
2.4
2.52
100
1.7
2.1
600
50
1.0
MMSZ2V7
4D
2.57
2.7
2.84
100
1.9
2.4
600
20
1.0
MMSZ3V0
4E
2.85
3.0
3.15
95
2.1
2.7
600
10
1.0
MMSZ3V3
4F
3.14
3.3
3.47
95
2.3
2.9
600
5.0
1.0
MMSZ3V6
4H
3.42
3.6
3.78
90
2.7
3.3
600
5.0
1.0
MMSZ3V9
4J
3.71
3.9
4.10
90
2.9
3.5
600
3.0
1.0
MMSZ4V3
4K
4.09
4.3
4.52
90
3.3
4.0
600
3.0
1.0
MMSZ4V7
4M
4.47
4.7
4.94
80
3.7
4.7
500
3.0
2.0
MMSZ5V1
4N
4.85
5.1
5.36
60
4.2
5.3
480
2.0
2.0
MMSZ5V6
4P
5.32
5.6
5.88
40
4.8
6.0
400
1.0
2.0
MMSZ6V2
4R
5.89
6.2
6.51
10
5.6
6.6
150
3.0
4.0
MMSZ6V8
4X
6.46
6.8
7.14
15
6.3
7.2
80
2.0
4.0
MMSZ7V5
4Y
7.13
7.5
7.88
15
6.9
7.9
80
1.0
5.0
MMSZ8V2
4Z
7.79
8.2
8.61
15
7.6
8.7
80
0.7
5.0
MMSZ9V1
5A
8.65
9.1
9.56
15
8.4
9.6
100
0.5
6.0
MMSZ10
5B
9.50
10
10.50
20
9.3
10.6
150
0.2
7.0
MMSZ11
5C
10.45
11
11.55
20
10.2
11.6
150
0.1
8.0
MMSZ12
5D
11.40
12
12.60
25
11.2
12.7
150
0.1
8.0
MMSZ13
5E
12.35
13
13.65
30
12.3
14.0
170
0.1
8.0
MMSZ15
5F
14.25
15
15.75
30
13.7
15.5
200
0.05
10.5
MMSZ16
5H
15.20
16
16.80
40
15.2
17.0
200
0.05
11.2
MMSZ18
5J
17.10
18
18.90
45
16.7
19.0
225
0.05
12.6
MMSZ20
5K
19.00
20
21.00
55
18.7
21.1
225
0.05
14.0
MMSZ22
5M
20.90
22
23.10
55
20.7
23.2
250
0.05
15.4
MMSZ24
5N
22.80
24
25.20
70
22.7
25.5
250
0.05
16.8
Notes :
(1) The type number shown have a standard tolerance of ±5% on the nominal Zener Voltage.
(2) Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1ms.
(3) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied.
The specified limits are for IZ(AC)=0.1IZ(DC), with the AC frequency = 1 kHz.
Page 2 of 3
Rev. 02 : March 22, 2006
Marking
VZ1
(1, 2)
VZ2
(1, 2)
(Ω)
IR @ VR
@ IZT1 = 5 mA
@ IZT2 = 1 mA
(V)
(Ω)
(V)
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MMSZ7V5

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMSZ7V5 YEASHIN-MMSZ7V5 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Continental Device Indi...
MMSZ7V5 CDIL-MMSZ7V5 Datasheet
313Kb / 5P
   ZENER VOLTAGE REGULATOR DIODES
logo
PACELEADER INDUSTRIAL
MMSZ7V5 PACELEADER-MMSZ7V5 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
logo
SUNMATE electronic Co.,...
MMSZ7V5 SUNMATE-MMSZ7V5 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ7V5 SUNMATE-MMSZ7V5 Datasheet
596Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ7V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com