Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z11 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MM1Z11
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM1Z11 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MM1Z11 Datasheet HTML 1Page - EIC discrete Semiconductors MM1Z11 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Test
Max. Reverse
Current
Leakage Current
IZT
Min.
Nom.
Max.
(mA)
(Ω)
(mA)
(μA)
(V)
Min.
Max.
MM1Z2V4
4C
2.28
2.4
2.56
5
100
5
120
1.0
-0.09
-0.06
MM1Z2V7
4D
2.5
2.7
2.9
5
110
5
120
1.0
-0.09
-0.06
MM1Z3V0
4E
2.8
3.0
3.2
5
120
5
50
1.0
-0.08
-0.05
MM1Z3V3
4F
3.1
3.3
3.5
5
130
5
20
1.0
-0.08
-0.05
MM1Z3V6
4H
3.4
3.6
3.8
5
130
5
10
1.0
-0.08
-0.05
MM1Z3V9
4J
3.7
3.9
4.1
5
130
5
5
1.0
-0.08
-0.05
MM1Z4V3
4K
4.0
4.3
4.6
5
130
5
5
1.0
-0.06
-0.03
MM1Z4V7
4M
4.4
4.7
5.0
5
130
5
2
1.0
-0.05
+0.02
MM1Z5V1
4N
4.8
5.1
5.4
5
130
5
2
1.5
-0.02
+0.02
MM1Z5V6
4P
5.2
5.6
6.0
5
80
5
1
2.5
-0.05
+0.05
MM1Z6V2
4R
5.8
6.2
6.6
5
50
5
1
3.0
0.03
0.06
MM1Z6V8
4X
6.4
6.8
7.2
5
30
5
0.5
3.5
0.03
0.07
MM1Z7V5
4Y
7.0
7.5
7.9
5
30
5
0.5
4.0
0.03
0.07
MM1Z8V2
4Z
7.7
8.2
8.7
5
30
5
0.5
5.0
0.03
0.08
MM1Z9V1
5A
8.5
9.1
9.6
5
30
5
0.5
6.0
0.03
0.09
MM1Z10
5B
9.4
10
10.6
5
30
5
0.1
7.0
0.03
0.1
MM1Z11
5C
10.4
11
11.6
5
30
5
0.1
8.0
0.03
0.11
MM1Z12
5D
11.4
12
12.7
5
35
5
0.1
9.0
0.03
0.11
MM1Z13
5E
12.4
13
14.1
5
35
5
0.1
10
0.03
0.11
MM1Z15
5F
13.8
15
15.6
5
40
5
0.1
11
0.03
0.11
MM1Z16
5H
15.3
16
17.1
5
40
5
0.1
12
0.03
0.11
MM1Z18
5J
16.8
18
19.1
5
45
5
0.1
13
0.03
0.11
MM1Z20
5K
18.8
20
21.2
5
50
5
0.1
15
0.03
0.11
MM1Z22
5M
20.8
22
23.3
5
55
5
0.1
17
0.04
0.12
MM1Z24
5N
22.8
24
25.6
5
60
5
0.1
19
0.04
0.12
MM1Z27
5P
25.1
27
28.9
5
70
2
0.1
21
0.04
0.12
MM1Z30
5R
28.0
30
32.0
5
80
2
0.1
23
0.04
0.12
MM1Z33
5X
31.0
33
35.0
5
80
2
0.1
25
0.04
0.12
MM1Z36
5Y
34.0
36
38.0
5
90
2
0.1
27
0.04
0.12
MM1Z39
5Z
37.0
39
41.0
2.5
100
2
230
0.04
0.12
MM1Z43
6A
40.0
43
46.0
2.5
130
2
233
0.04
0.12
MM1Z47
6B
44.0
47
50.0
2.5
150
2
236
0.04
0.12
MM1Z51
6C
48.0
51
54.0
2.5
180
2
139
0.04
0.12
MM1Z56
6D
52.0
56
60.0
2.5
180
2
143
0.04
0.12
MM1Z62
6E
58.0
62
66.0
2.5
200
2
0.2
47
0.04
0.12
MM1Z68
6F
64.0
68
72.0
2.5
250
2
0.2
52
0.04
0.12
MM1Z75
6H
70.0
75
79.0
2.5
300
2
0.2
57
0.04
0.12
Notes :
(1) The type number shown have a standard tolerance of±5% on the nominal Zener Voltage.
(2) VZ is tested with pulses (20ms).
(3) VZ is measured at IZ by given a very small A.C. current signal.
Page 2 of 2
Rev. 01 : March 24, 2006
TYPE NO.
Dynamic Impedance(3)
Zener Voltage(2)
Temp. Coefficient
of Zener Voltage
TKVZ (%/K)
IR @ VR
VZ @ IZT (V)
ZZT @ IZT
Marking
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MM1Z11

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM1Z11 SEMTECH_ELEC-MM1Z11 Datasheet
272Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z11 HTSEMI-MM1Z11 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
MM1Z11 CHENDA-MM1Z11 Datasheet
890Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z11 DGNJDZ-MM1Z11 Datasheet
1Mb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1Z11 YFWDIODE-MM1Z11 Datasheet
476Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1Z11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com