Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ11 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # MMSZ11
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MMSZ11 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  MMSZ11 Datasheet HTML 1Page - EIC discrete Semiconductors MMSZ11 Datasheet HTML 2Page - EIC discrete Semiconductors MMSZ11 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise note, V
F = 0.9 Vmax. @ IF = 10 mA)
ZZT1
(3)
ZZT2
(3)
Max. Reverse
@ IZT1 =
@ IZT2 =
Leakage
TYPE NO.
2 mA
0.5 mA
Current
Min
Nom
Max
Min
Max
(μA)
(V)
MMSZ27
5P
25.65
27
28.35
80
25.0
28.9
300
0.05
18.9
MMSZ30
5R
28.50
30
31.50
80
27.8
32.0
300
0.05
21.0
MMSZ33
5X
31.35
33
34.65
80
30.8
35.0
325
0.05
23.1
MMSZ36
5Y
34.20
36
37.80
90
33.8
38.0
350
0.05
25.2
MMSZ39
5Z
37.05
39
40.95
130
36.7
41.0
350
0.05
27.3
MMSZ43
6A
40.85
43
45.15
150
39.7
46.0
375
0.05
30.1
MMSZ47
6B
44.65
47
49.35
170
43.7
50.0
375
0.05
32.9
MMSZ51
6C
48.45
51
53.55
180
47.6
54.0
400
0.05
35.7
MMSZ56
6D
53.20
56
58.80
200
51.5
60.0
425
0.05
39.2
MMSZ62
6E
58.00
62
66.00
200
-
-
-
0.2
47
MMSZ68
6F
64.00
68
72.00
250
-
-
-
0.2
52
MMSZ75
6H
70.00
75
79.00
300
-
-
-
0.2
57
Notes :
(1) The type number shown have a standard tolerance of ±5% on the nominal Zener Voltage.
(2) Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1ms.
(3) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied.
The specified limits are for IZ(AC)=0.1IZ(DC), with the AC frequency = 1 kHz.
Page 3 of 3
Rev. 02 : March 22, 2006
(Ω)
IR @ VR
Marking
VZ1
(1, 2)
VZ2
(1, 2)
@ IZT1 = 2 mA
@ IZT2 = 0.1 mA
(V)
(Ω)
(V)
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MMSZ11

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ11 CDIL-MMSZ11 Datasheet
313Kb / 5P
   ZENER VOLTAGE REGULATOR DIODES
logo
SUNMATE electronic Co.,...
MMSZ11 SUNMATE-MMSZ11 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ11 SUNMATE-MMSZ11 Datasheet
596Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
logo
ON Semiconductor
MMSZ11ET1 ONSEMI-MMSZ11ET1 Datasheet
78Kb / 6P
   Zener Voltage Regulators
June, 2004 ??Rev. 1
MMSZ11ET1 ONSEMI-MMSZ11ET1 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
More results

Similar Description - MMSZ11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com