Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4704 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # MMSZ4704
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MMSZ4704 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  MMSZ4704 Datasheet HTML 1Page - EIC discrete Semiconductors MMSZ4704 Datasheet HTML 2Page - EIC discrete Semiconductors MMSZ4704 Datasheet HTML 3Page - EIC discrete Semiconductors MMSZ4704 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIG.1 - TEMPERATURE COEFFICIENTS
FIG.2 - TEMPERATURE COEFFICIENTS
(TEMPERATURE RANGE - 55 °C to +150 °C)
(TEMPERATURE RANGE - 55 °C to +150 °C)
FIG.3 - TYPICAL FORWARD VOLTAGE
FIG.4 - MAXIMUM NON-REPETITIVE SURGE POWER
Page 3 of 4
Rev. 02 : April 5, 2006
RATING AND CHARACTERISTIC CURVES ( MMSZ4678 - MMSZ4717 )
-4
0
2
4
6
8
10
12
8
6
4
2
0
-2
1
10
10
10
10
VZ, NOMINAL ZENER VOLTAGE, (V)
VZ, NOMINAL ZENER VOLTAGE, (V)
1
0.4
0.5
0.6
0.7
0.8
1.0
1.2
VF, FORWARD VOLTAGE, (V)
10
10
1000
1
10
10
1000
0.1
1
10
100
1000
PW, PULSE WIDTH, (ms)
TYPICAL TC VALUES
TYPICAL TC VALUES
VZ @ IZT
VZ @ IZT
RECTANGULAR
WAVEFORM, TA = 25 °C
0.9
1.1
25 °C
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MMSZ4704

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4704 GE-MMSZ4704 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4704 MCC-MMSZ4704 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
TAITRON Components Inco...
MMSZ4704 TAITRON-MMSZ4704 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4704 SUNMATE-MMSZ4704 Datasheet
456Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Rectron Semiconductor
MMSZ4704 RECTRON-MMSZ4704 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
More results

Similar Description - MMSZ4704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com