Electronic Components Datasheet Search |
|
MMSZ51 Datasheet(PDF) 3 Page - EIC discrete Semiconductors |
|
MMSZ51 Datasheet(HTML) 3 Page - EIC discrete Semiconductors |
3 / 3 page ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise note, V F = 0.9 Vmax. @ IF = 10 mA) ZZT1 (3) ZZT2 (3) Max. Reverse @ IZT1 = @ IZT2 = Leakage TYPE NO. 2 mA 0.5 mA Current Min Nom Max Min Max (μA) (V) MMSZ27 5P 25.65 27 28.35 80 25.0 28.9 300 0.05 18.9 MMSZ30 5R 28.50 30 31.50 80 27.8 32.0 300 0.05 21.0 MMSZ33 5X 31.35 33 34.65 80 30.8 35.0 325 0.05 23.1 MMSZ36 5Y 34.20 36 37.80 90 33.8 38.0 350 0.05 25.2 MMSZ39 5Z 37.05 39 40.95 130 36.7 41.0 350 0.05 27.3 MMSZ43 6A 40.85 43 45.15 150 39.7 46.0 375 0.05 30.1 MMSZ47 6B 44.65 47 49.35 170 43.7 50.0 375 0.05 32.9 MMSZ51 6C 48.45 51 53.55 180 47.6 54.0 400 0.05 35.7 MMSZ56 6D 53.20 56 58.80 200 51.5 60.0 425 0.05 39.2 MMSZ62 6E 58.00 62 66.00 200 - - - 0.2 47 MMSZ68 6F 64.00 68 72.00 250 - - - 0.2 52 MMSZ75 6H 70.00 75 79.00 300 - - - 0.2 57 Notes : (1) The type number shown have a standard tolerance of ±5% on the nominal Zener Voltage. (2) Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1ms. (3) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC)=0.1IZ(DC), with the AC frequency = 1 kHz. Page 3 of 3 Rev. 02 : March 22, 2006 (Ω) IR @ VR Marking VZ1 (1, 2) VZ2 (1, 2) @ IZT1 = 2 mA @ IZT2 = 0.1 mA (V) (Ω) (V) Certificate TH97/10561QM Certificate TW00/17276EM |
Similar Part No. - MMSZ51 |
|
Similar Description - MMSZ51 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |