Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVR2D Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # TVR2D
Description  FAST RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

TVR2D Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  TVR2D Datasheet HTML 1Page - EIC discrete Semiconductors TVR2D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TVR2B/D/G/J
FAST RECOVERY
RECTIFIER DIODES
PRV : 100 - 600 Volts
Io : 0.5 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
TVR2B
TVR2D
TVR2G
TVR2J
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
V
Maximum Reverse Voltage (DC)
VR
50
100
300
500
V
Maximum Average Forward Current
IF(AV)
0.5
A
Maximum Peak One Cycle Surge Forward Current
( Non-repetitive )
Maximum Peak Forward Voltage at IF = 1.0 A
VF
1.4
V
Maximum Repetitive Reverse Current at VRRM
IRRM
10
µA
Maximum Reverse Recovery Time (Note 1)
Trr
20
µs
Junction Temperature Range
TJ
- 40 to + 125
°C
Storage Temperature Range
TSTG
- 40 to + 125
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 20 mA, IR = 1 mA.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
IFSM
30 (50Hz)
A
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
* Pb / RoHS Free


Similar Part No. - TVR2D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
TVR2D BILIN-TVR2D Datasheet
55Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
TVR2D TAYCHIPST-TVR2D Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
TVR2D DSK-TVR2D Datasheet
276Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
TVR2D EIC-TVR2D Datasheet
183Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
Rev. 03:February 28, 2014
More results

Similar Description - TVR2D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com