Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5KP28 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # S5KP28
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

S5KP28 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  S5KP28 Datasheet HTML 1Page - EIC discrete Semiconductors S5KP28 Datasheet HTML 2Page - EIC discrete Semiconductors S5KP28 Datasheet HTML 3Page - EIC discrete Semiconductors S5KP28 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( Ta = 25°C)
Breakdown Voltage @ IT
Reverse
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Stand off
Reverse Leakage
Peak Pulse
Clamping
Temperature
Voltage
@ VRM
Current (Note2)
Voltage @ IPPM
Coefficient
VBR (V)IT
VRM
IR
IPPM
VC
of VBR
Min.
Max.
(mA)
(V)(
µA)
(A)
(V)
(%/
°C)
TYPE
S5KP40
44.4
54.3
5.0
40
10
70
71.4
0.105
S5KP40A
44.4
49.1
5.0
40
10
78
64.5
0.105
S5KP43
47.8
58.4
5.0
43
10
65
76.7
0.105
S5KP43A
47.8
52.8
5.0
43
10
72
69.4
0.105
S5KP45
50.0
61.1
5.0
45
10
62
80.3
0.106
S5KP45A
50.0
55.3
5.0
45
10
69
72.7
0.106
S5KP48
53.3
65.2
5.0
48
10
58
85.5
0.106
S5KP48A
53.3
58.9
5.0
48
10
65
77.4
0.106
S5KP51
56.7
69.3
5.0
51
10
55
91.1
0.107
S5KP51A
56.7
62.7
5.0
51
10
61
82.4
0.107
S5KP54
60.0
73.3
5.0
54
10
52
96.3
0.107
S5KP54A
60.0
66.3
5.0
54
10
57
87.1
0.107
S5KP56
62.2
76.1
5.0
56
10
50
100
0.107
S5KP56A
62.2
68.8
5.0
56
10
55
91
0.107
S5KP58
64.4
78.7
5.0
58
10
49
103
0.107
S5KP58A
64.4
71.2
5.0
58
10
53
94
0.107
S5KP60
66.7
81.5
5.0
60
10
47
107
0.108
S5KP60A
66.7
73.7
5.0
60
10
52
97
0.108
S5KP64
71.1
96.9
5.0
64
10
44
114
0.108
S5KP64A
71.1
78.6
5.0
64
10
49
103
0.108
S5KP70
77.6
95.1
5.0
70
10
40
125
0.108
S5KP70A
77.6
86.0
5.0
70
10
44
113
0.108
S5KP75
83.3
102
5.0
75
10
37
134
0.108
S5KP75A
83.3
92.1
5.0
75
10
41
121
0.108
S5KP78
86.7
106
5.0
78
10
36
139
0.108
S5KP78A
86.7
95.8
5.0
78
10
40
126
0.108
S5KP85
94.4
115
5.0
85
10
33
151
0.108
S5KP85A
94.4
104
5.0
85
10
36
137
0.110
S5KP90
100
122
5.0
90
10
31
160
0.110
S5KP90A
100
111
5.0
90
10
34
146
0.110
S5KP100
111
136
5.0
100
10
28
179
0.110
S5KP100A
111
123
5.0
100
10
31
162
0.110
S5KP110
122
149
5.0
110
10
26
196
0.112
S5KP110A
122
135
5.0
110
10
28
177
0.112
S5KP120
133
163
5.0
120
10
24
211
0.112
S5KP120A
133
147
5.0
120
10
26
194
0.112
S5KP150
167
204
5.0
150
10
19
263
0.112
S5KP150A
167
184
5.0
150
10
21
242
0.112
S5KP160
178
217
5.0
160
10
18
281
0.114
S5KP160A
178
196
5.0
160
10
19
258
0.114
S5KP170
189
231
5.0
170
10
17
298
0.114
S5KP170A
189
209
5.0
170
10
18
274
0.114
S5KP180
200
244
5.0
180
10
16
316
0.114
S5KP180A
200
221
5.0
180
10
17
290
0.114
Notes:
(1) VBR measured after IT applied for 300
µs., IT = square wave pulse or equivalent.
(2) Surge Current waveform per Fig. 3 and Derate per Fig. 2
(3) VF = 3.5 Volts max. for devices of VR < 100 V, and VF = 5 Volts max. for devices of VR > 100 V.
(4) For Bi-directional devices having VR of 10 Volts and under the IR limit is doubled.
(5) " S5K " will be omitted in marking on the diode.
Page 3 of 4
Rev. 01 : April 27, 2005


Similar Part No. - S5KP28

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
S5KP JUXING-S5KP Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Diodes Incorporated
S5KP5M DIODES-S5KP5M Datasheet
734Kb / 5P
   5A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI5
Rev. 3 - 2 October 2022
S5KP5M-13 DIODES-S5KP5M-13 Datasheet
734Kb / 5P
   5A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI5
Rev. 3 - 2 October 2022
More results

Similar Description - S5KP28

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com