Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ3513 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ3513
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ3513 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ3513 Datasheet HTML 1Page - EIC discrete Semiconductors SZ3513 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@
V R
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ353D
3.3
113.6
10
500
1.0
100
1.0
454
SZ353G
3.6
104.2
9.0
500
1.0
75
1.0
416
SZ353J
3.9
96.1
7.5
500
1.0
50
1.0
384
SZ354D
4.3
87.2
6.0
500
1.0
50
1.0
348
SZ354H
4.7
79.8
5.0
500
1.0
50
1.5
319
SZ355B
5.1
73.5
4.0
350
1.0
50
2.0
294
SZ355G
5.6
66.9
2.0
250
1.0
50
3.0
267
SZ356C
6.2
60.5
2.0
200
1.0
50
4.0
241
SZ356I
6.8
55.1
2.5
200
1.0
50
5.2
220
SZ357F
7.5
50.0
3.0
400
0.5
50
6.0
200
SZ358C
8.2
45.7
3.5
400
0.5
50
6.5
182
SZ359B
9.1
41.2
4.0
500
0.5
50
7.0
164
SZ3510
10
37.5
4.5
500
0.25
50
8.0
150
SZ3511
11
34.1
5.5
550
0.25
50
8.4
136
SZ3512
12
31.2
6.5
550
0.25
1.0
9.1
125
SZ3513
13
28.8
7.0
550
0.25
1.0
9.9
115
SZ3515
15
25.0
9.0
600
0.25
1.0
11.4
100
SZ3516
16
23.4
10
600
0.25
1.0
12.2
93
SZ3518
18
20.8
12
650
0.25
1.0
13.7
83
SZ3520
20
18.7
14
650
0.25
1.0
15.2
75
SZ3522
22
17.0
17.5
650
0.25
1.0
16.7
68
SZ3524
24
15.6
19
700
0.25
1.0
18.2
62
SZ3527
27
13.9
23
700
0.25
1.0
20.6
55
SZ3530
30
12.5
26
750
0.25
1.0
22.8
50
SZ3533
33
11.4
33
800
0.25
1.0
25.1
45
SZ3536
36
10.4
38
850
0.25
1.0
27.4
41
SZ3539
39
9.6
45
900
0.25
1.0
29.7
38
SZ3543
43
8.7
53
950
0.25
1.0
32.7
34
SZ3547
47
8.0
67
1000
0.25
1.0
35.8
31
SZ3551
51
7.3
70
1100
0.25
1.0
38.8
29
SZ3556
56
6.7
86
1300
0.25
1.0
42.6
26
SZ3562
62
6.0
100
1500
0.25
1.0
47.1
24
SZ3568
68
5.5
120
1700
0.25
1.0
51.7
22
SZ3575
75
5.0
140
2000
0.25
1.0
56.0
20
SZ3582
82
4.6
160
2500
0.25
1.0
62.2
18
SZ3591
91
4.1
200
3000
0.25
1.0
69.2
16
SZ35B0
100
3.7
250
3100
0.25
1.0
76.0
15
SZ35B1
110
3.4
300
4000
0.25
1.0
83.6
13
SZ35B2
120
3.1
380
4500
0.25
1.0
91.2
12
SZ35B3
130
2.9
450
5000
0.25
1.0
98.8
11
SZ35B5
150
2.5
600
6000
0.25
1.0
114.0
10
SZ35B6
160
2.3
700
6500
0.25
1.0
121.6
9.0
SZ35B8
180
2.1
900
7000
0.25
1.0
136.8
8.0
SZ35D0
200
1.9
1200
8000
0.25
1.0
152.0
7.0
Note :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 5%,
altered the fourth number of type from " 5 " for
± 5% tolerance to be " 0 " for ± 10% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.
Page 2 of 2
Rev. 03 : March 25, 2005


Similar Part No. - SZ3513

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SZ300812-1 DBUNLIMITED-SZ300812-1 Datasheet
706Kb / 1P
   Released from Engineering
logo
EIC discrete Semiconduc...
SZ3010 EIC-SZ3010 Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ3010 EIC-SZ3010 Datasheet
47Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SZ3010 LUGUANG-SZ3010 Datasheet
166Kb / 2P
   Surface Mount Silicon Zener Diodes
logo
EIC discrete Semiconduc...
SZ3011 EIC-SZ3011 Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ3513

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com