Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ5014 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ5014
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ5014 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ5014 Datasheet HTML 1Page - EIC discrete Semiconductors SZ5014 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ503J
3.9
192
4.5
400
1.0
80
1.0
630
SZ504D
4.3
174
4.5
400
1.0
50
1.0
590
SZ504H
4.7
160
4.0
500
1.0
50
1.0
550
SZ505B
5.1
147
3.5
550
1.0
50
1.0
520
SZ505G
5.6
134
2.5
600
1.0
50
2.0
480
SZ506C
6.2
121
1.5
700
1.0
50
3.0
435
SZ506I
6.8
110
2.0
700
1.0
50
4.0
393
SZ507F
7.5
100
2.0
700
0.5
50
5.0
360
SZ508C
8.2
91
2.3
700
0.5
50
6.0
330
SZ509B
9.1
82
2.5
700
0.5
50
7.0
297
SZ5010
10
75
3.5
700
0.3
50
7.6
270
SZ5011
11
68
4.0
700
0.25
50
8.4
225
SZ5012
12
63
4.5
700
0.25
1.0
9.1
246
SZ5013
13
58
4.5
700
0.25
0.5
9.1
208
SZ5014
14
53
5.0
700
0.25
0.5
10.6
193
SZ5015
15
50
5.5
700
0.25
0.5
11.4
180
SZ5016
16
47
5.5
700
0.25
0.5
12.2
169
SZ5017
17
44
6.0
750
0.25
0.5
13.0
159
SZ5018
18
42
6.0
750
0.25
0.5
13.7
150
SZ5019
19
40
7.0
750
0.25
0.5
14.4
142
SZ5020
20
37
7.0
750
0.25
0.5
15.2
135
SZ5022
22
34
8.0
750
0.25
0.5
16.7
123
SZ5024
24
31
9.0
750
0.25
0.5
18.2
112
SZ5027
27
28
10
750
0.25
0.5
20.6
100
SZ5028
28
27
12
750
0.25
0.5
21.0
96
SZ5030
30
25
16
1000
0.25
0.5
22.5
90
SZ5033
33
23
20
1000
0.25
0.5
25.1
82
SZ5036
36
21
22
1000
0.25
0.5
27.4
75
SZ5039
39
19
28
1000
0.25
0.5
29.7
69
SZ5043
43
17
33
1500
0.25
0.5
32.7
63
SZ5047
47
16
38
1500
0.25
0.5
35.6
57
SZ5051
51
15
45
1500
0.25
0.5
38.8
53
SZ5056
56
13
50
2000
0.25
0.5
42.6
48
SZ5062
62
12
55
2000
0.25
0.5
47.1
44
SZ5068
68
11
70
2000
0.25
0.5
51.7
40
SZ5075
75
10
85
2000
0.25
0.5
56.0
36
SZ5082
82
9.1
95
3000
0.25
0.5
62.2
33
SZ5091
91
8.2
115
3000
0.25
0.5
69.2
30
SZ50B0
100
7.5
160
3000
0.25
0.5
76.0
27
SZ50B1
110
6.8
225
4000
0.25
0.5
83.6
25
SZ50B2
120
6.3
300
4500
0.25
0.5
91.2
22
SZ50B3
130
5.8
375
5000
0.25
0.5
98.8
21
SZ50B4
140
5.3
475
5000
0.25
0.5
106.4
19
SZ50B5
150
5.0
550
6000
0.25
0.5
114.0
18
SZ50B6
160
4.7
625
6500
0.25
0.5
121.6
17
SZ50B7
170
4.4
650
7000
0.25
0.5
130.4
16
SZ50B8
180
4.2
700
7000
0.25
0.5
136.8
15
SZ50B9
190
4.0
800
8000
0.25
0.5
144.8
14
SZ50D0
200
3.7
875
8000
0.25
0.5
152.0
13
Note :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 10%,
altered the fourth number of type from " 0 " for
± 10% tolerance to be " 5 " for ± 5% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.
Page 2 of 2
Rev. 02 : March 25, 2005


Similar Part No. - SZ5014

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ5014 EIC-SZ5014 Datasheet
47Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ5014

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com