Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT00 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT00
Description  Quad 2-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT00 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT00 Datasheet HTML 1Page - NXP Semiconductors 74ABT00 Datasheet HTML 2Page - NXP Semiconductors 74ABT00 Datasheet HTML 3Page - NXP Semiconductors 74ABT00 Datasheet HTML 4Page - NXP Semiconductors 74ABT00 Datasheet HTML 5Page - NXP Semiconductors 74ABT00 Datasheet HTML 6Page - NXP Semiconductors 74ABT00 Datasheet HTML 7Page - NXP Semiconductors 74ABT00 Datasheet HTML 8Page - NXP Semiconductors 74ABT00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT00
Quad 2-input NAND gate
2
1995 Sep 18
853-1809 15755
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An or Bn
to Yn
CL = 50pF;
VCC = 5V
2.5
2.0
ns
tOSLH
tOSHL
Output to
Output skew
CC
0.4
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B2
A2
Y2
Y3
B3
A3
A0
B0
Y1
Y0
A1
B1
SA00333
LOGIC SYMBOL
B1
A0 B0 A1
A2 B2
A3 B3
Y0Y1Y2Y3
36
8
11
12
4
5
9
10 12 13
VCC = Pin 14
GND = Pin 7
SA00334
LOGIC DIAGRAM
A0
B0
A1
B1
A2
Y0
B2
A3
B3
Y1
Y2
Y3
VCC = Pin 14
GND = Pin 7
3
6
8
11
1
2
4
5
9
10
12
13
SA00360
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 4, 5, 9,
10, 12, 13
An-Bn
Data inputs
3, 6, 8, 11
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
1
2
4
5
9
10
12
13
&
3
6
8
11
SF00004
FUNCTION TABLE
INPUTS
OUTPUT
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT00 N
74ABT00 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT00 D
74ABT00 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT00 DB
74ABT00 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT00 PW
74ABT00PW DH
SOT402-1


Similar Part No. - 74ABT00

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT00 NEXPERIA-74ABT00 Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
74ABT00D NEXPERIA-74ABT00D Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
74ABT00PW NEXPERIA-74ABT00PW Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
More results

Similar Description - 74ABT00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com