Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT00 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT00
Description  Quad 2-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT00 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT00 Datasheet HTML 1Page - NXP Semiconductors 74ABT00 Datasheet HTML 2Page - NXP Semiconductors 74ABT00 Datasheet HTML 3Page - NXP Semiconductors 74ABT00 Datasheet HTML 4Page - NXP Semiconductors 74ABT00 Datasheet HTML 5Page - NXP Semiconductors 74ABT00 Datasheet HTML 6Page - NXP Semiconductors 74ABT00 Datasheet HTML 7Page - NXP Semiconductors 74ABT00 Datasheet HTML 8Page - NXP Semiconductors 74ABT00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ABT00
Quad 2-input NAND gate
1995 Sep 18
4
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An or Bn to Yn
1
1.0
1.0
2.5
2.0
3.6
2.8
1.0
1.0
4.1
3.4
ns
tOSHL
tOSLH1
Output to Output skew
An or Bn to Yn
2
0.4
0.4
0.5
0.5
0.5
0.5
ns
NOTE:
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same
device. The specification applies to any outputs switching in the the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH);
parameter guaranteed by design.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
Yn
An, Bn
tPHL
tPLH
SA00336
Waveform 1.
Propagation delay for inverting outputs
OUTPUT N
same part
INPUT
SA00381
OUTPUT
tPLH
MIN
tPHL
MIN
tPLH
MAX
tPHL
MAX
tOSLH
tOSHL
Waveform 2. Common edge skew
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
Test Circuit for Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74ABT
SH00067
Amplitude
Rep. Rate
tW
tF
3.0V
1MHz
500ns
2.5ns
tR
2.5ns


Similar Part No. - 74ABT00

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT00 NEXPERIA-74ABT00 Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
74ABT00D NEXPERIA-74ABT00D Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
74ABT00PW NEXPERIA-74ABT00PW Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
More results

Similar Description - 74ABT00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com