Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB522 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # STBB522
Description  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBB522 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  STBB522 Datasheet HTML 1Page - EIC discrete Semiconductors STBB522 Datasheet HTML 2Page - EIC discrete Semiconductors STBB522 Datasheet HTML 3Page - EIC discrete Semiconductors STBB522 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STBB06I - STBB5G4
VBR : 6.8 - 440 Volts
PPK : 400 Watts
FEATURES :
* 400W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1µA above 10V
MECHANICAL DATA
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 0.064 grams
DEVICES FOR UNIPOLAR APPLICATIONS
For Uni-directional altered the third letter of type from "B" to be "U".
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25
°C, Tp=1ms (Note1)
PPK
Minimum 400
W
Steady State Power Dissipation at TL = 75
°C (Note 2)
PD
1.0
W
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta =
25
°C per Fig. 1
(2) Mounted on copper Lead area at 5.0 mm
2 ( 0.013 mm thick ).
Page 1 of 4
Rev. 04 : March 25, 2005
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07
SURFACE MOUNT
BIDIRECTIONAL TRANSIENT
VOLTAGE SUPPRESSOR
* Pb / RoHS Free


Similar Part No. - STBB522

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
STBB1PUR STMICROELECTRONICS-STBB1PUR Datasheet
1Mb / 21P
   1 A, high efficiency single inductor
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
STBB2 STMICROELECTRONICS-STBB2 Datasheet
2Mb / 25P
   800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
More results

Similar Description - STBB522

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STBK06I EIC-STBK06I Datasheet
58Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBN06I EIC-STBN06I Datasheet
74Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP06I EIC-STBP06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBS06H EIC-STBS06H Datasheet
54Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
78Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com