Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC6416C Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT88SC6416C
Description  CryptoMemory 64 Kbit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC6416C Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT88SC6416C Datasheet HTML 6Page - ATMEL Corporation AT88SC6416C Datasheet HTML 7Page - ATMEL Corporation AT88SC6416C Datasheet HTML 8Page - ATMEL Corporation AT88SC6416C Datasheet HTML 9Page - ATMEL Corporation AT88SC6416C Datasheet HTML 10Page - ATMEL Corporation AT88SC6416C Datasheet HTML 11Page - ATMEL Corporation AT88SC6416C Datasheet HTML 12Page - ATMEL Corporation AT88SC6416C Datasheet HTML 13Page - ATMEL Corporation AT88SC6416C Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AT88SC6416C
5015BS–SMEM–04/03
Packaging Information
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Square - 8.8 x 8.8 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
Ordering Code: MP
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Round -
8.0 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
Ordering Code: ME
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions
of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions
(i.e., a punched M2 module will yield 13.0 x 11.8 mm).


Similar Part No. - AT88SC6416C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416C ATMEL-AT88SC6416C Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC6416C ATMEL-AT88SC6416C Datasheet
1Mb / 58P
   CryptoMemory Specification For Standard Mode of Operation
AT88SC6416C-MJ ATMEL-AT88SC6416C-MJ Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC6416C-MJ ATMEL-AT88SC6416C-MJ Datasheet
191Kb / 20P
   CryptoMemory 64 Kbit
AT88SC6416C-MJTG ATMEL-AT88SC6416C-MJTG Datasheet
191Kb / 20P
   CryptoMemory 64 Kbit
More results

Similar Description - AT88SC6416C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC6416C ATMEL-AT88SC6416C_09 Datasheet
191Kb / 20P
   CryptoMemory 64 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com