Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM10 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ZMM10
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMM10 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ZMM10 Datasheet HTML 1Page - EIC discrete Semiconductors ZMM10 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Dynamic Resistance
Maximum Reverse
Temp. coefficient
Admissible
VZ @ IZT
at IZ=5mA
at IZ=1mA
Leakage Current
of Zener Voltage
Zener Current
Nom
1)
IZT
f = 1 kHz
f = 1 kHz
IR
at VR
IZ
(V)
(mA)
rzj (
Ω)
rzj (
Ω)
(
µA)
(V)
min.
max.
(mA)
ZMM2.4
2.4
5
< 100
< 600
50
0.8
-10
-5
175
ZMM2.7
2.7
5
6.5 (< 8)
< 500
20
0.8
-9
-4
160
ZMM3.0
3.0
5
75 (< 83)
< 500
10
0.8
-9
-3
140
ZMM3.3
3.3
5
80 (< 95)
< 500
6.0
0.8
-8
-3
130
ZMM3.6
3.6
5
80 (< 95)
< 500
6.0
0.8
-8
-3
120
ZMM3.9
3.9
5
80 (< 95)
< 500
1.6
0.8
-7
-3
110
ZMM4.3
4.3
5
80 (< 95)
< 500
1.0
0.8
-6
-1
100
ZMM4.7
4.7
5
70 (< 78)
< 500
0.1
0.8
-5
+2
90
ZMM5.1
5.1
5
30 (< 60)
< 480
0.1
0.8
-3
+4
80
ZMM5.6
5.6
5
10 (< 40)
< 400
0.1
1
-2
+6
70
ZMM6.2
6.2
5
4.8 (< 10)
< 200
0.1
2
-1
+7
64
ZMM6.8
6.8
5
4.5 (< 8)
< 150
0.1
3
+2
+7
58
ZMM7.5
7.5
5
4 (< 7)
< 50
0.1
5
+3
+7
53
ZMM8.2
8.2
5
4.5 (< 7)
< 50
0.1
6
+4
+7
47
ZMM9.1
9.1
5
4.8 (< 10)
< 50
0.1
7
+5
+8
43
ZMM10
10
5
5.2 (< 15)
< 70
0.1
7.5
+5
+8
40
ZMM11
11
5
6 (< 20)
< 70
0.1
8.5
+5
+9
36
ZMM12
12
5
7 (< 20)
< 90
0.1
9
+6
+9
32
ZMM13
13
5
9 (< 25)
< 110
0.1
10
+7
+9
29
ZMM15
15
5
11 (< 30)
< 110
0.1
11
+7
+9
27
ZMM16
16
5
13 (< 40)
< 170
0.1
12
+8
+9.5
24
ZMM18
18
5
18 (< 50)
< 170
0.1
14
+8
+9.5
21
ZMM20
20
5
20 (< 50)
< 220
0.1
15
+8
+10
20
ZMM22
22
5
25 (< 55)
< 220
0.1
17
+8
+10
18
ZMM24
24
5
28 (< 80)
< 220
0.1
18
+8
+10
16
ZMM27
27
5
30 (< 80)
< 250
0.1
20
+8
+10
14
ZMM30
30
5
35 (< 80)
< 250
0.1
22.5
+8
+10
13
ZMM33
33
5
40 (< 80)
< 250
0.1
25
+8
+10
12
ZMM36
36
5
40 (< 90)
< 250
0.1
27
+8
+10
11
ZMM39
39
5
50 (< 90)
< 300
0.1
29
+10
+12
10
ZMM43
43
5
60 (< 100)
< 700
0.1
32
+10
+12
9.2
ZMM47
47
5
70 (< 100)
< 750
0.1
35
+10
+12
8.5
ZMM51
51
5
70 (< 100)
< 750
0.1
38
+10
+12
7.8
ZMM56
56
2.5
< 135
(3)
< 1000
(4)
0.1
42
+10 (typ.)
7.1
ZMM62
62
2.5
< 150
(3)
< 1000
(4)
0.1
47
+ 10 (typ.)
6.4
ZMM68
68
2.5
< 200
(3)
< 1000
(4)
0.1
51
+ 10 (typ.)
5.8
ZMM75
75
2.5
< 250
(3)
<1500
(4)
0.1
55
+ 10 (typ.)
5.3
Notes: 1) Tested with pulses tp = 5 ms
2) Valid Provided that leads are kept at ambient temperature.
3) at IZ = 2.5mA
4) at IZ = 0.5mA
Page 2 of 2
Rev. 02 : March 25, 2005
α
vz(10
-4 /
°C)
Type


Similar Part No. - ZMM10

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM10 SEMTECH-ZMM10 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Jin Yu Semicon...
ZMM10 HTSEMI-ZMM10 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
logo
Bytesonic Electronics C...
ZMM10 BYTESONIC-ZMM10 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM10 CHENYI-ZMM10 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZMM10 DIOTEC-ZMM10 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com