Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA-UV5N30N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # YA-UV5N30N
Description  ULTRAVIOLET LED Lamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

YA-UV5N30N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  YA-UV5N30N Datasheet HTML 1Page - List of Unclassifed Manufacturers YA-UV5N30N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YOLightTM ULTRAVIOLET LED Lamp YA-UV5N30N series
Y
A
-
UV
5
N
30
N
Yolight
Product Code
Ultraviolet
Size
Shape
Angle 2θ ½
Stand-Off
5 mm Normal
30°
No
Innovation Power
Y
Yo
ol
lD
Da
al
l
FEATURES
Highly Radiant Intensity
SiC Technology Chip
Low Average Degradation
Water Clear Epoxy Package
T-1 AND T-13/4 Option
BENEFITS
Low Energy Consumptions
Low Maintenance Costs
High Application Design Flexibility
High Reliability
Prompt Shipment
Very Competitive prices
Sharp peak profile
APPLICATIONS
Counterfeit Detection
Chemical Detection (Organic /
Inorganic Substance)
Medical Application
Photo-catalytic Reactions
UV Air Purifier
High-resolution Optics
UV Activated Applications
Lighting
Displays
Delivery
Bulk, 500 pieces per bag standard
Ammo or Reel available upon request
CAUTION: YA-UV5N30N series LEDs are
Class 2 ESD sensitive. Static Electricity and
surge damage the LEDs. It is recommended
to use a wristband or anti-electrostatic glove
when handling LEDs. All devices, equipment
and machinery must be properly grounded.
Package Dimensions
Notes:
1.
All dimensions are in millimeters (inches).
2.
Tolerance ± 0.25 (0.01’’) mm unless otherwise noted.
3.
Protruded resin under flange is 1.0mm (0.04’’) max.
4.
Lead spacing is measured where the leads emerge from the package
5.
Specifications are subject to change without notice.
Copyright © 2001 All Rights Reserved. Yoldal Inc.
email: info@yoldal.com
2002 July Revised
Page ― 1 ―


Similar Part No. - YA-UV5N30N

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
YA-102M HUAXINAN-YA-102M Datasheet
314Kb / 6P
   Surge Absorbers
YA-122M HUAXINAN-YA-122M Datasheet
314Kb / 6P
   Surge Absorbers
YA-141N HUAXINAN-YA-141N Datasheet
314Kb / 6P
   Surge Absorbers
YA-152M HUAXINAN-YA-152M Datasheet
314Kb / 6P
   Surge Absorbers
YA-181N HUAXINAN-YA-181N Datasheet
314Kb / 6P
   Surge Absorbers
More results

Similar Description - YA-UV5N30N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UV3TZ-390-15 ETC2-UV3TZ-390-15 Datasheet
908Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp
logo
Marktech Corporate
MTSM275UV-F1120 MARKTECH-MTSM275UV-F1120 Datasheet
5Mb / 8P
   Deep ultraviolet LED
MTC265LS-UV MARKTECH-MTC265LS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC310SS-UV MARKTECH-MTC310SS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC310-UV MARKTECH-MTC310-UV Datasheet
2Mb / 4P
   Ultraviolet LED Chip
MTC325SS-UV MARKTECH-MTC325SS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC325LS-UV MARKTECH-MTC325LS-UV Datasheet
2Mb / 4P
   Ultraviolet LED Chip
MTC340LS-UV MARKTECH-MTC340LS-UV_15 Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC265LS-UV MARKTECH-MTC265LS-UV_15 Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC265SS-UV MARKTECH-MTC265SS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com