Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6408KSFN Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # HX6408KSFN
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408KSFN Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button HX6408KSFN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 10Page - Honeywell Solid State Electronics Center HX6408KSFN Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HX6408
Advanced Information
8
www.honeywell.com
ASYNCHRONOUS WRITE CYCLE AC TIMING CHARACTERISTICS (1)
Worst Case (3)
-55 to 125°C
Symbol
Parameter
Typical
(2)
Min
Max
Units
TAVAVW
Write Cycle Time (4)
300KRad
1MRad
20
25
ns
TWLWH
Write Enable Write Pulse Width
300KRad
1MRad
15
20
ns
TSLWH
Chip Select to End of Write Time
300KRad
1MRad
16
20
ns
TDVWH
Data Valid to End of Write Time
300KRad
1MRad
12
15
ns
TAVWH
Address Valid to End of Write Time
300KRad
1MRad
20
25
ns
TWHDX
Data Hold after End of Write Time
0
ns
TAVWL
Address Valid Setup to Start of Write Time
0
ns
TWHAX
Address Valid Hold after End of Write Time
0
ns
TWLQZ
Write Enable to Output Disable Time
7
ns
TWHQX
Write Disable to Output Enable Time
4
ns
TWHWL
Write Disable to Write Enable Pulse Width (5)
5
ns
(1) Test conditions: input switching levels, VIL/VIH=0V/3V, input rise and fall times <1 ns/V, input and output timing reference levels shown in
the Tester AC Timing Characteristics table, capacitive output loading ≥50 pF, or equivalent capacitive load 5 pF for TWLQZ.
(2)
Typical operating conditions: VDD=3.3V, TA=25°C, pre-radiation.
(3) Worst case operating conditions: VDD=3.0V to 3.6V, -55°C to 125°C, post total dose 25°C
(4) TAVAVW = TWLWH + TWHWL
(5) Guaranteed but not tested
ADDRESS
NCS
DATA OUT
NSL
HIGH
IMPEDANCE
TAVAVW
TSLWH
TWLWH
TPHWH
TWHWL
TWHDX
TWHAX
NWE
TAVWL
TAVWH
DATA IN
DATA VALID
TWLQZ
TWHQX
TDVWH


Similar Part No. - HX6408KSFN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408KSFN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com