Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6408XEFN Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HX6408XEFN
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408XEFN Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HX6408XEFN Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408XEFN Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HX6408
Advanced Information
5
www.honeywell.com
DC ELECTRICAL CHARACTERISTICS
Worst Case (1)
Symbol
Parameter
Min
Max
Units
Test Conditions
IDDSB
Static Supply Current
TA=25°C
TA=125°C
5
10
mA
VDD=max, Iout=0mA,
Inputs Stable
IDDOP3
Static Supply Current
Deselected
24
mA
VDD=max, Iout=0mA,
f=fmax, NSL=NCS=VIH (2)
IDDOPW
Dynamic Supply Current,
Selected (Write)
1 MHz
2 MHz
10 MHz
25 MHz
40 MHz
9
18
89
160
260
mA/MHz
VDD=max, Iout=0mA,
NSL=VIH, NCS=VIL (1)
IDDOPR
Dynamic Supply Current,
Selected (Read)
1 MHz
2 MHz
10 MHz
25 MHz
40 MHz
4
8
40
100
160
mA/MHz
VDD=max, Iout=0mA,
NSL=VIH, NCS=VIL (1)
IDDOP1
Dynamic Supply Current,
Deselected
1.5
mA
VDD=max, Iout=0mA,
f=1MHz, NSL=VIH (2)
IDDOP2
Dynamic Supply Current,
Sleep
0.2
mA
VDD=max, Iout=0mA,
f=1MHz, NSL=VIL (2)
II
Input Leakage Current
-5
5
µA
Vss VI VDD
IOZ
Output Leakage Current
-10
10
µA
Vss VIO
VDD output = high Z
VIL
Low-Level Input Voltage
0.3xVDD
V
VDD=3.0V
VIH
High-Level Input Voltage
0.7xVDD
V
VDD=3.6V
VOL
Low-Level Output Voltage
0.4
V
VDD=3.0V, IOL = 8mA
VOH
High-Level Output Voltage
2.7
V
VDD=3.0V, IOH = 4mA
(1) Worst case operating conditions: VDD=3.0V to 3.6V, -55°C to +125°C, post total dose at 25°C.
(2) All inputs switching. DC average current.
CAPACITANCE (1)
Worst Case (1)
Symbol
Parameter
Min
Max
Units
Test Conditions
CI
Input Capacitance
9
pF
VI=VDD or VSS, f=1 MHz
CO
Output Capacitance
8
pF
VIO=VDD or VSS, f=1 MHz
(1) This parameter is tested during initial design characterization only.


Similar Part No. - HX6408XEFN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408XEFN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com