Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16C2550 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16C2550
Description  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2550 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16C2550 Datasheet HTML 6Page - Exar Corporation XR16C2550 Datasheet HTML 7Page - Exar Corporation XR16C2550 Datasheet HTML 8Page - Exar Corporation XR16C2550 Datasheet HTML 9Page - Exar Corporation XR16C2550 Datasheet HTML 10Page - Exar Corporation XR16C2550 Datasheet HTML 11Page - Exar Corporation XR16C2550 Datasheet HTML 12Page - Exar Corporation XR16C2550 Datasheet HTML 13Page - Exar Corporation XR16C2550 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
XR16C2550
xr
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
REV. 1.0.1
10
To obtain maximum data rate, it is necessary to use full rail swing on the clock input. See external clock
operating frequency over power supply voltage chart in Figure 6.
FIGURE 5. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
FIGURE 6. OPERATING FREQUENCY VERSUS POWER SUPPLY CHART.
Requires a 2K ohms pull-up resistor on XTAL2 pin to increase operating speed
2K
XTAL1
XTAL2
R1
VCC
External Clock
vcc
gnd
60
50
40
30
3.0
4.5
5.5
3.5 4.0
5.0
Suppy Voltage
70
80
85oC
25oC
-40oC
Operating frequency for XR16C2550
with external clock and a 2K ohms
pull-up resistor on XTAL2 pin.


Similar Part No. - XR16C2550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550IJ EXAR-XR16C2550IJ Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550IM EXAR-XR16C2550IM Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16C2550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com