Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5KP150A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # S5KP150A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

S5KP150A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  S5KP150A Datasheet HTML 1Page - EIC discrete Semiconductors S5KP150A Datasheet HTML 2Page - EIC discrete Semiconductors S5KP150A Datasheet HTML 3Page - EIC discrete Semiconductors S5KP150A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( Ta = 25°C)
Breakdown Voltage @ IT
Reverse
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Stand off
Reverse Leakage
Peak Pulse
Clamping
Temperature
Voltage
@ VRM
Current (Note2)
Voltage @ IPPM
Coefficient
VBR (V)IT
VRM
IR
IPPM
VC
of VBR
Min.
Max.
(mA)
(V)(
µA)
(A)
(V)
(%/
°C)
S5KP5.0
6.40
7.30
50
5.0
5000
520
9.60
0.057
S5KP5.0A
6.40
7.00
50
5.0
5000
543
9.20
0.057
S5KP6.0
6.67
8.15
50
6.0
5000
439
11.4
0.061
S5KP6.0A
6.67
7.37
50
6.0
5000
485
10.3
0.061
S5KP6.5
7.22
8.82
50
6.5
2000
407
12.3
0.065
S5KP6.5A
7.22
7.98
50
6.5
2000
447
11.2
0.065
S5KP7.0
7.78
9.51
5.0
7.0
1000
378
13.3
0.068
S5KP7.0A
7.78
8.60
5.0
7.0
1000
417
12.0
0.068
S5KP7.5
8.33
10.2
5.0
7.5
250
350
14.3
0.073
S5KP7.5A
8.33
9.21
5.0
7.5
250
388
12.9
0.073
S5KP8.0
8.89
10.9
5.0
8.0
150
333
15.0
0.075
S5KP8.0A
8.89
9.83
5.0
8.0
150
367
13.6
0.075
S5KP8.5
9.44
11.5
5.0
8.5
50
314
15.9
0.078
S5KP8.5A
9.44
10.4
5.0
8.5
50
347
14.4
0.078
S5KP9.0
10.0
12.2
5.0
9.0
20
295
16.9
0.081
S5KP9.0A
10.0
11.1
5.0
9.0
20
325
15.4
0.081
S5KP10
11.1
13.6
5.0
10
15
266
18.8
0.084
S5KP10A
11.1
12.3
5.0
10
15
294
17.0
0.084
S5KP11
12.2
14.9
5.0
11
10
249
20.1
0.086
S5KP11A
12.2
13.5
5.0
11
10
274
18.2
0.086
S5KP12
13.3
16.3
5.0
12
10
227
22.0
0.088
S5KP12A
13.3
14.7
5.0
12
10
251
19.9
0.088
S5KP13
14.4
17.6
5.0
13
10
210
23.8
0.090
S5KP13A
14.4
15.9
5.0
13
10
232
21.5
0.090
S5KP14
15.6
19.1
5.0
14
10
194
25.8
0.092
S5KP14A
15.6
17.2
5.0
14
10
215
23.2
0.092
S5KP15
16.7
20.4
5.0
15
10
188
26.9
0.094
S5KP15A
16.7
18.5
5.0
15
10
206
24.4
0.094
S5KP16
17.8
21.8
5.0
16
10
176
28.8
0.096
S5KP16A
17.8
19.7
5.0
16
10
192
26.0
0.096
S5KP17
18.9
23.1
5.0
17
10
164
30.5
0.097
S5KP17A
18.9
20.9
5.0
17
10
181
27.6
0.097
S5KP18
20.0
24.4
5.0
18
10
155
32.2
0.098
S5KP18A
20.0
22.1
5.0
18
10
172
29.2
0.098
S5KP20
22.2
27.1
5.0
20
10
139
35.8
0.099
S5KP20A
22.2
24.5
5.0
20
10
154
32.4
0.099
S5KP22
24.4
29.8
5.0
22
10
127
39.4
0.100
S5KP22A
24.4
26.9
5.0
22
10
141
35.5
0.100
S5KP24
26.7
32.6
5.0
24
10
116
43.0
0.101
S5KP24A
26.7
29.5
5.0
24
10
128
38.9
0.101
S5KP26
28.9
35.3
5.0
26
10
107
46.6
0.101
S5KP26A
28.9
31.9
5.0
26
10
119
42.1
0.101
S5KP28
31.1
38.0
5.0
28
10
99
50.1
0.102
S5KP28A
31.1
34.4
5.0
28
10
110
45.4
0.102
S5KP30
33.3
40.7
5.0
30
10
93
53.5
0.103
S5KP30A
33.3
36.8
5.0
30
10
103
48.4
0.103
S5KP33
36.7
44.9
5.0
33
10
85
59.0
0.104
S5KP33A
36.7
40.6
5.0
33
10
94
53.3
0.104
S5KP36
40
48.9
5.0
36
10
78
64.3
0.104
S5KP36A
40
44.2
5.0
36
10
86
58.1
0.104
Page 2 of 4
Rev. 01 : April 27, 2005
TYPE


Similar Part No. - S5KP150A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
S5KP JUXING-S5KP Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Diodes Incorporated
S5KP5M DIODES-S5KP5M Datasheet
734Kb / 5P
   5A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI5
Rev. 3 - 2 October 2022
S5KP5M-13 DIODES-S5KP5M-13 Datasheet
734Kb / 5P
   5A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI5
Rev. 3 - 2 October 2022
More results

Similar Description - S5KP150A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com