Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L570 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16L570
Description  SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L570 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16L570 Datasheet HTML 3Page - Exar Corporation XR16L570 Datasheet HTML 4Page - Exar Corporation XR16L570 Datasheet HTML 5Page - Exar Corporation XR16L570 Datasheet HTML 6Page - Exar Corporation XR16L570 Datasheet HTML 7Page - Exar Corporation XR16L570 Datasheet HTML 8Page - Exar Corporation XR16L570 Datasheet HTML 9Page - Exar Corporation XR16L570 Datasheet HTML 10Page - Exar Corporation XR16L570 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
xr
XR16L570
REV. 1.0.0
SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
7
2.2
5-Volt Tolerant Inputs
The L570 can accept up to 5V inputs when operating at 3.3V, 2.5V or 1.8V. But note that if the L570 is
operating at 2.5V or below, its VOH may not be high enough to meet the requirements of the VIH of a CPU or a
serial transceiver that is operating at 5V. Note that the XTAL1 (CLK) pin is not 5V tolerant.
2.3
Device Hardware Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see Table 11). An active pulse of longer than 40 ns duration will be required to activate the reset function
in the device.
2.4
Device Identification and Revision
The XR16L570 provides a Device Identification code and a Device Revision code. To read the identification
code from the part, it is required to set the baud rate generator registers DLL and DLM both to 0x00. Now
reading the content of the DLM will provide 0x01 to indicate XR16L570 and reading the content of DLL will
provide the revision of the part; for example, a reading of 0x01 means revision A.
2.5
Internal Registers
The L570 has a set of enhanced registers for control, monitoring and data loading and unloading. The
configuration register set is compatible to those already available in the standard 16C550. These registers
function as data holding registers (THR/RHR), interrupt status and control registers (ISR/IER), a FIFO control
register (FCR), receive line status and control registers (LSR/LCR), modem status and control registers (MSR/
MCR), programmable data rate (clock) divisor registers (DLL/DLM), and an user accessible Scratchpad
register (SPR).
Beyond the general 16C550 features and capabilities, the L570 offers enhanced feature registers (EFR, Xon1,
Xoff 1, Xon1 and Xoff2) that provide automatic RTS and CTS hardware flow control and Xon/Xoff software flow
control. All the register functions are discussed in full detail later in “Section 3.0, UART INTERNAL
REGISTERS” on page 19.
2.6
DMA Mode
The DMA Mode (a legacy term) refers to data block transfer operation. The DMA mode affects the state of the
RXRDY# and TXRDY# output pins available in the original 16C550. These pins are not available in the
XR16L570. The DMA Enable bit (FCR bit-3) does not have any function in this device and can be a ’0’ or a ’1’.
2.7
INT Output
The interrupt output changes according to the operating mode and enhanced features setup. Table 1 and
Table 2 below summarize the operating behavior for the transmitter and receiver. Also see Figures 18
through 21.
TABLE 1: INT PIN OPERATION FOR TRANSMITTER
FCR BIT-0 = 0 (FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
INT Pin
0 = one byte in THR
1 = THR empty
0 = FIFO above trigger level
1 = FIFO below trigger level or FIFO empty
TABLE 2: INT PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INT Pin
0 = no data
1 = 1 byte
0 = FIFO below trigger level
1 = FIFO above trigger level


Similar Part No. - XR16L570

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570 EXAR-XR16L570 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570IL24 EXAR-XR16L570IL24 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570IL32 EXAR-XR16L570IL32 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570 EXAR-XR16L570_07 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L570

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570 EXAR-XR16L570_07 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com