Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L651CM Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16L651CM
Description  2.25V TO 5.5V UART WITH 32-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L651CM Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16L651CM Datasheet HTML 2Page - Exar Corporation XR16L651CM Datasheet HTML 3Page - Exar Corporation XR16L651CM Datasheet HTML 4Page - Exar Corporation XR16L651CM Datasheet HTML 5Page - Exar Corporation XR16L651CM Datasheet HTML 6Page - Exar Corporation XR16L651CM Datasheet HTML 7Page - Exar Corporation XR16L651CM Datasheet HTML 8Page - Exar Corporation XR16L651CM Datasheet HTML 9Page - Exar Corporation XR16L651CM Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
XR16L651
áç
áç
áç
áç
2.25V TO 5.5V UART WITH 32-BYTE FIFO
REV. 1.3.0
6
Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
XTAL1
14
I
Crystal or external clock input. Caution: this input is not 5V tolerant.
XTAL2
15
O
Crystal or buffered clock output
RCLK
5
I
Receiver Clock
This input is used as external 16X clock input to the receiver section. Connect
the BAUDOUT# pin to this input externally.
BAUDOUT#
12
O
Baud Rate Generator Output (active low)
This pin provides the 16X clock of the selected data rate from the baud rate
generator. The RCLK pin must be connected externally to BAUDOUT# when
the receiver is operating at the same data rate.
When the PC mode is selected, the baud rate generator clock output is inter-
nally connected to the RCLK input. This pin then functions as the LPT-1
printer port decode logic output, see
Table 3.
PCMODE#
36
I
PC Mode Select (active low)
When this input is at logic 0, it enables the on-board chip select decode func-
tion according to PC ISA bus COM[4:1] and IRQ[4:3] port definitions. See
Table 3 for details. This pin has an internal 100k
Ω pull-up resistor.
DDIS#
22
O
Drive Disable Output
This pin goes to a logic 0 whenever the host CPU is reading data from the
651. It can control the direction of a data bus transceiver between the CPU
and 651 or other logic functions.
ENIR
13
I
Enable Infrared Mode (active high)
This pin can be used to start up the UART in wireless infrared mode. This
input is sampled when the reset input signal (RESET or RESET#) is de-
asserted. The TX output would idle at logic 0 instead of normal logic 1. The
software infrared enable bit (MCR bit-6) will have full enable/disable control
after the power up.
RESET
(RESET#)
35
I
Reset Input
A 40 ns minimum active pulse on this pin will reset the internal registers and
all outputs. The UART transmitter output will be held at logic 1 (if ENIR pin is
at a logic 0), the receiver input will be ignored and outputs are reset. See
UART Reset Conditions in
Table 13. When IM# pin is at a logic 0, Intel bus
mode, reset input is active high. When IM# pin is at a logic 1, Motorola bus
mode, reset input is active low.
IM#
37
I
Intel or Motorola data bus interface select
A logic 0 selects Intel bus interface and a logic 1 selects Motorola interface.
This input affects the functionality of IOR#, IOW#, CS# and INT pins.
OP1#
34
O
Output Port 1
General purpose output.
OP2#
31
O
Output Port 2
General purpose output.
VCC
43
Pwr
2.25V to 5.5V supply voltage
All inputs, except XTAL1, are 5V tolerant.
GND
18
Pwr
Power supply common ground.
NC
1,25
-
No Connect
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR16L651CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450 EXAR-XR16L2450 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IJ EXAR-XR16L2450IJ Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IJ EXAR-XR16L2450IJ Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IM EXAR-XR16L2450IM Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
More results

Similar Description - XR16L651CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A_09 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com