Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L651IM Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16L651IM
Description  2.25V TO 5.5V UART WITH 32-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L651IM Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16L651IM Datasheet HTML 7Page - Exar Corporation XR16L651IM Datasheet HTML 8Page - Exar Corporation XR16L651IM Datasheet HTML 9Page - Exar Corporation XR16L651IM Datasheet HTML 10Page - Exar Corporation XR16L651IM Datasheet HTML 11Page - Exar Corporation XR16L651IM Datasheet HTML 12Page - Exar Corporation XR16L651IM Datasheet HTML 13Page - Exar Corporation XR16L651IM Datasheet HTML 14Page - Exar Corporation XR16L651IM Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
áç
áç
áç
áç
XR16L651
REV. 1.3.0
2.25V TO 5.5V UART WITH 32-BYTE FIFO
11
2.2
5-Volt Tolerant Inputs
The 651 can acccept up to 5V inputs even when operating at 3.3V or 2.5V. But note that if the 651 is operating
at 2.5V, its VOH may not be high enough to meet the requirements of the VIH of a CPU or a serial transceiver
that is operating at 5V. Caution: XTAL1 is not 5 volt tolerant.
2.3
Device Reset
The RESET input resets the internal registers and the serial interface outputs to their default state (see
Figure 13). An active high pulse of longer than 40 ns duration will be required to activate the reset function in
the device.
2.4
Device Identification and Revision
The XR16L651 provides a Device Identification code and a Device Revision code to distinguish the part from
other devices and revisions. To read the identification code from the part, it is required to set the baud rate
generator registers DLL and DLM both to 0x00. Now reading the content of the DLM will provide 0x04 for the
XR16L651 and reading the content of DLL will provide the revision of the part; for example, a reading of 0x01
means revision A.
2.5
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document does not
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# and TXRDY# output pins. The transmit and receive FIFO trigger levels provide additional
flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the transmitter is
empty or has an empty location(s) for more data. The user can optionally operate the transmit and receive
FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFO are enabled and the DMA mode is
disabled (FCR bit-3 = 0), the 651 is placed in single-character mode for data transmit or receive operation.
When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by loading or
unloading the FIFO in a block sequence determined by the programmed trigger level. In this mode, the 651
sets the TXRDY# pin when the transmit FIFO becomes full, and sets the RXRDY# pin when the receive FIFO
becomes empty. The following table shows their behavior. Also see Figures 26 through 31.
TABLE 2: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR BIT-3 = 0
(DMA MODE DISABLED)
FCR BIT-3 = 1
(DMA MODE ENABLED)
RXRDY#
0 = 1 byte.
1 = no data.
0 = at least 1 byte in FIFO
1 = FIFO empty.
1 to 0 transition when FIFO reaches the trigger
level, or timeout occurs.
0 to 1 transition when FIFO empties.
TXRDY#
0 = THR empty.
1 = byte in THR.
0 = FIFO empty.
1 = at least 1 byte in FIFO.
0 = FIFO has at least 1 empty location.
1 = FIFO is full.


Similar Part No. - XR16L651IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450 EXAR-XR16L2450 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IJ EXAR-XR16L2450IJ Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IJ EXAR-XR16L2450IJ Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IM EXAR-XR16L2450IM Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
More results

Similar Description - XR16L651IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A_09 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com