Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6408KQHN Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HX6408KQHN
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408KQHN Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HX6408KQHN Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408KQHN Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HX6408
Advanced Information
2
www.honeywell.com
FUNCTIONAL DIAGRAM
36 LEAD FLAT PACK PINOUT
SIGNAL DEFINITIONS
A: 0-18
Address input pins, which select a particular eight-bit word within the memory array.
DQ: 0-7
Bidirectional data pins, which serve as data outputs during a read operation and as data inputs
during a write operation.
NCS
Negative chip select, when at a low level allows normal read or write operation. When at a high level
NCS forces the SRAM to a precharge condition, holds the data output drivers in a high impedance
state. If this signal is not used it must be connected to VSS.
NWE
Negative write enable, when at a low level activates a write operation and holds the data output
drivers in a high impedance state. When at a high level NWE allows normal read operation.
NOE
Negative output enable, when at a high level holds the data output drivers in a high impedance
state. When at a low level, the data output driver state is defined by NCS, NWE and NSL. This
signal is asynchronous.
NSL
Not sleep, when at a high level allows normal operation. When at a low level NSL forces the SRAM
to a precharge condition, holds the data output drivers in a high impedance state and disables all the
input buffers except the NCS and NOE input buffers. If this signal is not used it must be connected
to VDD. This signal is asynchronous. The HX6408 may be ordered without the sleep mode option
and pin 36 is then a NC.
All controls must be enabled
for signal to pass.
# = number of buffers,
Default = 1
Signal
Signal
1 = enabled
#
Memory
Array
DQ(0:7)
WE • CS
NOE
NCS
NSL
NWE
An
NWE • CS
A0
1
A1
2
A2
3
A3
4
A4
5
NCS
6
D0
7
D1
8
VDD
9
VSS 10
D2 11
D3 12
NWE 13
A5 14
A6 15
A7 16
A8 17
A9 18
36
(NSL)
35
A18
34
A17
33
A16
32
A15
31
NOE
30
D4
29
D5
28
VSS
27
VDD
26
D6
25
D7
24
A14
23
A13
22
A12
21
A11
20
A10
19
NAS
HX6408
Top View


Similar Part No. - HX6408KQHN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408KQHN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com