Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6408XSHN Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # HX6408XSHN
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408XSHN Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button HX6408XSHN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 10Page - Honeywell Solid State Electronics Center HX6408XSHN Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HX6408
Advanced Information
11
www.honeywell.com
PACKAGE OUTLINE
ORDERING INFORMATION (1)
(1) Orders may be faxed to 763-954-2051. Please contact our Customer Service Representative at 763-954-2888 for further information.
(2) Engineering Device Description: Parameters are tested -55
°C to 125°C, 24 hour burn-in, IDDSB = 10 mA, no radiation Guaranteed.
(3) With the Non-Sleep Mode option, Pin 36 is a no-connect (NC), and is not wirebonded to the chip. With the Sleep Mode, Pin 36 has the
NSL function.
(4) These devices are screened to QML levels but are not QML certified.
For more information about Honeywell’s family of radiation hardened integrated circuit products and services,
visit www.myspaceparts.com.
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any
liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of
others.
H
X
6408
S
H
X
Source
H = Honeywell
PROCESS
X = SOI
PACKAGE DESIGNATION
X = 36 Lead FP
K = Known Good Die
- = Bare Die (no package)
PART NUMBER
SCREEN LEVEL
V = QML Class V Equivalent (4)
Q = QML Class Q Equivalent (4)
S = Level S
E = Eng. Model (2)
TOTAL DOSE HARDNESS
R = 1x10
5 rad (SiO2)
F = 3x10
5 rad (SiO2)
H = 1x10
6 rad (SiO2)
N = No Level Guaranteed (2)
N
MODE (3)
N = Non-Sleep Mode
M = Sleep Mode
Honeywell International Inc.
Aerospace Electronics Systems
Defense & Space Electronics Systems
12001 Highway 55
Plymouth, MN 55441
1-800-323-8295
Form #900918
June 2005
©2005 Honeywell International Inc.
COMMON DIMENSIONS
SYM
MIN.
NOM.
MAX.
A
.102
.113
.125
A1
.085
.095
.105
B
.016
.018
.020
C
.004
.006
.008
D
.910
.920
.930
E
.045
.050
.055
E1
.832
.840
.848
L
-----
.450
-----
Q
-----
.104
-----


Similar Part No. - HX6408XSHN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408XSHN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com