Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16V2652IL32 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16V2652IL32
Description  HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2652IL32 Datasheet(HTML) 4 Page - Exar Corporation

  XR16V2652IL32 Datasheet HTML 1Page - Exar Corporation XR16V2652IL32 Datasheet HTML 2Page - Exar Corporation XR16V2652IL32 Datasheet HTML 3Page - Exar Corporation XR16V2652IL32 Datasheet HTML 4Page - Exar Corporation XR16V2652IL32 Datasheet HTML 5Page - Exar Corporation XR16V2652IL32 Datasheet HTML 6Page - Exar Corporation XR16V2652IL32 Datasheet HTML 7Page - Exar Corporation XR16V2652IL32 Datasheet HTML 8Page - Exar Corporation XR16V2652IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
XR16V2652
PRELIMINARY
4
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
REV. P1.0.0
RXA
24
39
I
UART channel A Receive Data or infrared receive data. Normal receive
data input must idle HIGH. The infrared receiver pulses typically idles
LOW but can be inverted by software control prior going in to the
decoder, see MCR[6]. If this pin is not used, tie it to VCC or pull it high
via a 100k ohm resistor.
RTSA#
22
36
O
UART channel A Request-to-Send (active low) or general purpose out-
put. This output must be asserted prior to using auto RTS flow control,
see EFR[6], MCR[1] and IER[6].
CTSA#
25
40
I
UART channel A Clear-to-Send (active low) or general purpose input.
It can be used for auto CTS flow control, see EFR[7], and IER[7]. This
input should be connected to VCC when not used.
DTRA#
-
37
O
UART channel A Data-Terminal-Ready (active low) or general purpose
output. If this pin is not used, leave it unconnected.
DSRA#
-
41
I
UART channel A Data-Set-Ready (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
CDA#
-
42
I
UART channel A Carrier-Detect (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
RIA#
-
43
I
UART channel A Ring-Indicator (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
MFA#
-
35
O
Multi-Function Output Channel A. This output pin can function as the
OP2A#, BAUDOUTA#, or RXRDYA# pin. One of these output signal
functions can be selected by the user programmable bits 1-2 of the
Alternate Function Register (AFR). These signal functions are
described as follows:
1) OP2A# - When OP2A# (active low) is selected, the MF# pin is LOW
when MCR bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults
to a logic 0 condition after a reset or power-up.
2) BAUDOUTA# - When BAUDOUTA# function is selected, the Baud
rate clock output is available at this pin.
3) RXRDYA# - RXRDYA# (active low) is intended for monitoring block
data transfers. See
Table 2 for more details.
TXB
16
26
O
UART channel B Transmit Data or infrared encoder data. Standard
transmit and receive interface is enabled when MCR[6] = 0. In this
mode, the TX signal will be HIGH during reset or idle (no data). Infrared
IrDA transmit and receive interface is enabled when MCR[6] = 1. In the
Infrared mode, the inactive state (no data) for the Infrared encoder/
decoder interface is LOW. If it is not used, leave it unconnected.
RXB
15
25
I
UART channel B Receive Data or infrared receive data. Normal receive
data input must idle HIGH. The infrared receiver pulses typically idles
LOW but can be inverted by software control prior going in to the
decoder, see MCR[6]. If this pin is not used, tie it to VCC or pull it high
via a 100k ohm resistor.
Pin Description
NAME
32-QFN
PIN #
44-PLCC
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V2652IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2652IL32 EXAR-XR16V2652IL32 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
More results

Similar Description - XR16V2652IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2652 EXAR-XR16V2652_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650_07 Datasheet
1,013Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16M2650 EXAR-XR16M2650 Datasheet
1Mb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com