Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17C152IM Datasheet(PDF) 2 Page - Exar Corporation

Part # XR17C152IM
Description  5V PCI BUS DUAL UART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17C152IM Datasheet(HTML) 2 Page - Exar Corporation

  XR17C152IM Datasheet HTML 1Page - Exar Corporation XR17C152IM Datasheet HTML 2Page - Exar Corporation XR17C152IM Datasheet HTML 3Page - Exar Corporation XR17C152IM Datasheet HTML 4Page - Exar Corporation XR17C152IM Datasheet HTML 5Page - Exar Corporation XR17C152IM Datasheet HTML 6Page - Exar Corporation XR17C152IM Datasheet HTML 7Page - Exar Corporation XR17C152IM Datasheet HTML 8Page - Exar Corporation XR17C152IM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
XR17C152
áç
áç
áç
áç
5V PCI BUS DUAL UART
REV. 1.2.0
2
FIGURE 2. PIN OUT OF THE DEVICE
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR17C152CM
100-Lead TQFP
0°C to +70°C
Active
XR17C152IM
100-Lead TQFP
-40°C to +85°C
Active
AD24
C/BE3#
IDSEL
VCC
EECS
EEDI
EECK
EEDO
VCC
TEST#
XTAL1
XTAL2
MPIO2
MPIO3
AD26
AD27
AD28
AD29
AD30
AD31
VCC
GND
CLK
RST#
INTA#
AD25
MPIO5
VCC
GND
MPIO7
MPIO6
MPIO4
GND
AD11
AD10
AD9
AD8
C/BE0#
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
VCC
27
26
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
50
49
48
GND
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
AD13
AD12
XR17C152
100-TQFP
(14x14x1.0mm)


Similar Part No. - XR17C152IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C154CV EXAR-XR17C154CV Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154CV EXAR-XR17C154CV Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C154IV EXAR-XR17C154IV Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
More results

Similar Description - XR17C152IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com