Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17V252 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR17V252
Description  66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V252 Datasheet(HTML) 5 Page - Exar Corporation

  XR17V252 Datasheet HTML 1Page - Exar Corporation XR17V252 Datasheet HTML 2Page - Exar Corporation XR17V252 Datasheet HTML 3Page - Exar Corporation XR17V252 Datasheet HTML 4Page - Exar Corporation XR17V252 Datasheet HTML 5Page - Exar Corporation XR17V252 Datasheet HTML 6Page - Exar Corporation XR17V252 Datasheet HTML 7Page - Exar Corporation XR17V252 Datasheet HTML 8Page - Exar Corporation XR17V252 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
XR17V252
5
REV. 1.0.1
66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
NOTE: Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
ENIR
74
I
Global Infrared mode enable (active high). This pin is sampled during power
up, following a hardware reset (RST#) or soft-reset (register RESET). It can
be used to start up both UARTs in the infrared mode. The sampled logic state
is transferred to MCR bit-6 in the UART. Software can override this pin there-
after and enable or disable it.
EN485#
65
I
Global AutoRS485 half-duplex direction control enable (active low). During
power up or reset, this pin is sampled and if it is a logic high, both UARTs are
set for Auto RS485 Mode. Also, the Auto RS485 bit, FCTR[5], is set in both
channels. Software can override this pin thereafter and enable or disable it.
PME#
79
OD
Power Management Event signal. While in D3hot state, if the PME_Enable bit
in the Power Management Control/Status Register is set, the V252 asserts
the PME# upon receiving a new character or upon change of state of modem
inputs on any channel.
VCC
54, 80, 10, 22,
32, 43, 89, 100
PWR
Power supply for the UART core logic and PCI bus I/O - 3.3V only. The V252
is PCI 3.0 signalling compliant at 3.3V operation. The non-PCI inputs (except
XTAL1) are 5V tolerant. This includes all the serial (modem) inputs.
GND
1, 11, 23, 33,
44, 53, 78, 88
PWR
Power supply common, ground.
NC
63, 64
No Connection.
PIN DESCRIPTIONS
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252IM EXAR-XR17V252IM Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
logo
Xilinx, Inc
XCV300-6FG456C XILINX-XCV300-6FG456C Datasheet
40Kb / 4P
   66-MHz PCI Compliant
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com