Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17V258IV Datasheet(PDF) 6 Page - Exar Corporation

Part # XR17V258IV
Description  66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V258IV Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR17V258IV Datasheet HTML 2Page - Exar Corporation XR17V258IV Datasheet HTML 3Page - Exar Corporation XR17V258IV Datasheet HTML 4Page - Exar Corporation XR17V258IV Datasheet HTML 5Page - Exar Corporation XR17V258IV Datasheet HTML 6Page - Exar Corporation XR17V258IV Datasheet HTML 7Page - Exar Corporation XR17V258IV Datasheet HTML 8Page - Exar Corporation XR17V258IV Datasheet HTML 9Page - Exar Corporation XR17V258IV Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
XR17V258
xr
66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
REV. 1.0.0
6
RX7
47
I
UART channel 7 Receive Data or infrared receive data. Normal RXD input
idles at HIGH condition. The infrared pulses can be inverted prior to decoding
by setting FCTR bit [4].
RTS7#
52
O
UART channel 7 Request to Send or general purpose output (active LOW).
CTS7#
48
I
UART channel 7 Clear to Send or general purpose input (active LOW).
DTR7#
53
O
UART channel 7 Data Terminal Ready or general purpose output (active
LOW).
DSR7#
49
I
UART channel 7 Data Set Ready or general purpose input (active LOW).
CD7#
50
I
UART channel 7 Carrier Detect or general purpose input (active LOW).
RI7#
51
I
UART channel 7 Ring Indicator or general purpose input (active LOW).
ANCILLARY SIGNALS
MPIO0
108
I/O
Multi-purpose input/output 0. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT
MPIO1
107
I/O
Multi-purpose input/output 1. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT.
MPIO2
74
I/O
Multi-purpose input/output 2. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT.
MPIO3
73
I/O
Multi-purpose input/output 3. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT.
MPIO4
68
I/O
Multi-purpose input/output 4. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT.
MPIO5
67
I/O
Multi-purpose input/output 5. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT.
MPIO6
66
I/O
Multi-purpose input/output 6. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT.
MPIO7
65
I/O
Multi-purpose input/output 7. The function of this pin is defined thru the Con-
figuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and MPIOINT.
EECK
116
O
Serial clock to EEPROM. An internal clock of CLK divide by 256 is used for
reading the vendor and sub-vendor ID during power up or reset. However, it
can be manually clocked thru the Configuration Register REGB.
EECS
115
O
Chip select to a EEPROM device like 93C46. It is manually selectable thru
the Configuration Register REGB. Requires a pull-up 4.7K ohm resistor for
external sensing of EEPROM during power up. See DAN112 for further
details.
EEDI
114
O
Write data to EEPROM device. It is manually accessible thru the Configura-
tion Register REGB.
EEDO
113
I
Read data from EEPROM device. It is manually accessible thru the Configu-
ration Register REGB.
XTAL1
110
I
Crystal or external clock input.
XTAL2
109
O
Crystal or buffered clock output.
PIN DESCRIPTIONS
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR17V258IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V258IV EXAR-XR17V258IV Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V258IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
logo
Oxford Semiconductor
OX16PCI958 OXFORD-OX16PCI958 Datasheet
410Kb / 46P
   Octal UART with PCI Interface
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com