Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR68C681CJ Datasheet(PDF) 3 Page - Exar Corporation

Part # XR68C681CJ
Description  CMOS Dual Channel UART (DUART)
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C681CJ Datasheet(HTML) 3 Page - Exar Corporation

  XR68C681CJ Datasheet HTML 1Page - Exar Corporation XR68C681CJ Datasheet HTML 2Page - Exar Corporation XR68C681CJ Datasheet HTML 3Page - Exar Corporation XR68C681CJ Datasheet HTML 4Page - Exar Corporation XR68C681CJ Datasheet HTML 5Page - Exar Corporation XR68C681CJ Datasheet HTML 6Page - Exar Corporation XR68C681CJ Datasheet HTML 7Page - Exar Corporation XR68C681CJ Datasheet HTML 8Page - Exar Corporation XR68C681CJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
XR68C681
1
  
PIN CONFIGURATION

#,1
1

#,
=
1
=
#,
.A8
78
5*
5*
,
,1
,6


1
=
6
/
@
<




40 Pin PDIP, CDIP
(0.600”)
6
/
@
<


,@

1
6
@
08
''
#,=
#,6
#7
#,

22
5
5.:7
5
5
,
,
,=
,/


=
/
#8
<
@
/
6
=
1



1
1
1
11
1=
16
1/
1@
1<
1
=
XR68C681CJ

22
5
5.:7
5
8
5
,
,
,=
,6
,1
,
5*
8
5*
:7
.A
#,
=
44 Pin PLCC
,@
,/
1
1<
1@
1/
16
1=
11
1
1
1

@
<




1
=
6
/
@
XR68C681
PIN DESCRIPTION
Pin Number
(44 pin PLCC)
Pin Number
(40 pin DIP)
Symbol
Type
Description

8
No Connect.



#
LSB of Address Input.
(% (" - ( $$ %% (%"   =
 % $  %  ' ' (  -(% % ((    $ (' $(-
 $ $ (  (% (  , 
1

#,1
5
#
Input Port 3.
0  % (   !  ''3 ( +
 %(  5
=
1

#
Address Input.
6
=
#,
*
#
Input Port 1.
0  % ( (% ( '  '+(- $ 
  '(    *   $ # *
/
6
1
#
Address Input.
@
/
=
#
MSB of Address Input.
(% (" - ( $$ %% #%"  
1  % $  %  ' ' (  -(% % ((    $ (' 


Similar Part No. - XR68C681CJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
   CMOS Dual Channel UART(DUART)
More results

Similar Description - XR68C681CJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681CP EXAR-XR88C681CP Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
   CMOS Dual Channel UART(DUART)
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
   CMOS Quad Channel UART(QUART)
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com