Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRK32308 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRK32308
Description  3.3V ZERO DELAY BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK32308 Datasheet(HTML) 5 Page - Exar Corporation

  XRK32308 Datasheet HTML 1Page - Exar Corporation XRK32308 Datasheet HTML 2Page - Exar Corporation XRK32308 Datasheet HTML 3Page - Exar Corporation XRK32308 Datasheet HTML 4Page - Exar Corporation XRK32308 Datasheet HTML 5Page - Exar Corporation XRK32308 Datasheet HTML 6Page - Exar Corporation XRK32308 Datasheet HTML 7Page - Exar Corporation XRK32308 Datasheet HTML 8Page - Exar Corporation XRK32308 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRELIMINARY
XRK32308
5
REV. P1.0.2
3.3V ZERO DELAY BUFFER
NOTES:
7.
Parameter is guaranteed by design and characterization. Not 100% tested in production.
IDD
Supply Current
Unloaded outputs, 100-MHz REF,
Select inputs at VDD or GND
-
45.0
mA
-
70
(-1H, -5H)
mA
Unloaded outputs, 66-MHz REF
(-1, -2, -3, -4)
-
32.0
mA
Unloaded outputs, 33-MHz REF
(-1, -2, -3, -4)
-
18.0
mA
TABLE 7: SWITCHING CHARACTERISTICS FOR XRK32308 COMMERCIAL TEMPERATURE DEVICES[8]
PARAMETER
NAME
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Output Frequency
30-pF load, All devices
10
-
100
MHz
20-pF load, -1H, -5H devices[9]
10
-
120
MHz
15-pF load, -1, -2, -3, -4 devices
10
-
120
MHz
DC
Duty Cycle[7] = t2 ÷ t1
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4V, FOUT=66.66MHz
30-pF load
40.0
50.0
60.0
%
Measured at 1.4V, FOUT<50.0MHz
15-pF load
45.0
50.0
55.0
%
t3
Rise Time[7]
(-1, -2, -3, -4)
Measured between 0.8V and 2.0V,
30-pF load
-
-
2.20
ns
Measured between 0.8V and 2.0V,
15-pF load
-
-
1.50
ns
Rise Time[7]
(-1H, -5H)
Measured between 0.8V and 2.0V,
30-pF load
-
-
1.50
ns
t4
Fall Time[7]
(-1, -2, -3, -4)
Measured between 0.8V and 2.0V,
30-pF load
-
-
2.20
ns
Measured between 0.8V and 2.0V,
15-pF load
-
-
1.50
ns
Fall Time[7]
(-1H, -5H)
Measured between 0.8V and 2.0V,
30-pF load
-
-
1.25
ns
TABLE 6: ELECTRICAL CHARACTERISTICS FOR XRK32308 COMMERCIAL TEMPERATURE DEVICES
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
MAX
UNIT


Similar Part No. - XRK32308

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
XRK32308CD-1 EXAR-XRK32308CD-1 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
XRK32308CD-1H EXAR-XRK32308CD-1H Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
XRK32308CD-2 EXAR-XRK32308CD-2 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
XRK32308CD-3 EXAR-XRK32308CD-3 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
More results

Similar Description - XRK32308

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com