Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6408KQRM Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HX6408KQRM
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408KQRM Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HX6408KQRM Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408KQRM Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HX6408
Advanced Information
1
www.honeywell.com
HX6408
512k x 8 STATIC RAM
The 512K x 8 Radiation Hardened Static RAM is a high
performance 524,288 word x 8-bit static random access
memory with optional industry-standard functionality. It is
fabricated with Honeywell’s radiation hardened Silicon On
Insulator (SOI) technology, and is designed for use in low
voltage systems operating in radiation environments. The
RAM operates over the full military temperature range and
requires only a single 3.3 V ± 0.3V power supply. Power
consumption is typically <30 mW @ 1MHz in write mode,
<14 mW @ 1MHz in read mode, and is less than 5 mW
when in standby mode.
Honeywell’s enhanced RICMOS™(Radiation Insensitive
CMOS) SOI V technology is radiation hardened through the
use of advanced and proprietary design, layout and process
hardening techniques.
The RICMOS™ V low power process is a SOI CMOS
technology with an 80 Å gate oxide and a minimum
drawn feature size of 0.35
µm. Additional features
include tungsten via and contact plugs, Honeywell’s
proprietary SHARP planarization process and a lightly
doped drain (LDD) structure for improved short
channel reliability. A seven transistor (7T) memory cell
is used for superior single event upset hardening,
while three layer metal power busing and the low
collection volume SOI substrate provide improved
dose rate hardening.
FEATURES
Fabricated with RICMOS™ V
Silicon On Insulator (SOI)
0.35 mm Process (Leff = 0.28 µm)
Total Dose ≥ 3x10
5 and 1X106 rad(SiO
2)
Neutron ≥1x10
14 cm-2
Dynamic and Static Transient Upset
≥1x10
10 rad(Si)/s (3.3 V)
Dose Rate Survivability ≥1x10
12 rad(Si)/s
Soft Error Rate
≤1x10
-10 Upsets/bit-day (3.3 V)
No Latchup
Read/Write Cycle Times
≤20 ns, (3.3 V), -55 to 125°C
Typical Operating Power (3.3 V)
<14 mW @ 1MHz Read
<30 mW @ 1MHz Write
<5 mW Standby mode
Asynchronous Operation
CMOS Compatible I/O
Single Power Supply,
3.3 V ± 0.3 V
Operating Range is
-55°C to +125°C
36-Lead Flat Pack Package
Optional Low Power Sleep
Mode


Similar Part No. - HX6408KQRM

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408KQRM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com