Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRK69772IR Datasheet(PDF) 9 Page - Exar Corporation

Part # XRK69772IR
Description  1:12 LVCMOS PLL CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK69772IR Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRK69772IR Datasheet HTML 4Page - Exar Corporation XRK69772IR Datasheet HTML 5Page - Exar Corporation XRK69772IR Datasheet HTML 6Page - Exar Corporation XRK69772IR Datasheet HTML 7Page - Exar Corporation XRK69772IR Datasheet HTML 8Page - Exar Corporation XRK69772IR Datasheet HTML 9Page - Exar Corporation XRK69772IR Datasheet HTML 10Page - Exar Corporation XRK69772IR Datasheet HTML 11Page - Exar Corporation XRK69772IR Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRELIMINARY
XRK69772
9
REV. P1.0.0
1:12 LVCMOS PLL CLOCK GENERATOR
FIGURE 6. OUTPUT-TO-OUTPUT SKEW tSK(O)
FIGURE 7. PROPOGATION DELAY (t(Ø), STATIC PHASE OFFSET) TEST REFERENCE
FIGURE 8. OUTPUT DUTY CYCLE (DC)
FIGURE 9. I/O JITTER
The pin-to-pin skew is defined as the worst case difference in propagation
delay between any similar delay path within a single device.
V
CC
V
CC÷2
GND
V
CC
V
CC÷2
GND
t
SK(O)
FB_IN
t
(Ø)
CCLKx
V
CC
V
CC÷2
GND
V
CC
V
CC÷2
GND
tp
T
0
DC=t
P/T0 x 100%
The time from the PLL controlled edge to the non controlled edge, divided
by the time between PLL controlled edges, expressed as a percentage
V
CC
V
CC÷2
GND
FB_IN
CCLKx
T
JIT(I/O) = |T0-T1mean |
The deviation in t
0 for a controlled edge with respect to a t0 mean in a random
sample of cycles


Similar Part No. - XRK69772IR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773CR EXAR-XRK69773CR Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773IR EXAR-XRK69773IR Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
XRK69774CR EXAR-XRK69774CR Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
More results

Similar Description - XRK69772IR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
   3.3 V 1:12 LVCMOS PLL Clock Generator
2019
logo
Exar Corporation
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com