Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT16C854 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT16C854
Description  2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16C854 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT16C854 Datasheet HTML 6Page - Exar Corporation XRT16C854 Datasheet HTML 7Page - Exar Corporation XRT16C854 Datasheet HTML 8Page - Exar Corporation XRT16C854 Datasheet HTML 9Page - Exar Corporation XRT16C854 Datasheet HTML 10Page - Exar Corporation XRT16C854 Datasheet HTML 11Page - Exar Corporation XRT16C854 Datasheet HTML 12Page - Exar Corporation XRT16C854 Datasheet HTML 13Page - Exar Corporation XRT16C854 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
XR16C854/854D
xr
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
REV. 3.0.1
10
2.0 FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The 854 data interface supports the Intel compatible types of CPUs and it is compatible to
the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data bus
transaction. Each bus cycle is asynchronous using CS# A-D, IOR# and IOW# or CS#, R/W#, A4 and A3 inputs.
All four UART channels share the same data bus for host operations. A typical data bus interconnection for
Intel and Motorola mode is shown in Figure 4.
FIGURE 4. XR16C854/854D TYPICAL INTEL/MOTOROLA DATA BUS INTERCONNECTIONS
VCC
VCC
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
GND
A0
A1
A2
UART_CSA#
UART_CSB#
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
UART_RESET
RESET
Serial Interface of
RS-232
Serial Interface of
RS-232
Intel Data Bus (16 Mode) Interconnections
UART
Channel C
UART
Channel D
Similar
to Ch A
Similar
to Ch A
Similar
to Ch A
UART_INTD
UART_INTC
INTD
INTC
UART_CSC#
UART_CSD#
CSC#
CSD#
VCC
16/68#
VCC
VCC
GND
A0
A1
A2
UART_CS#
A3
R/W#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART_IRQ#
INTB
INTA
RESET#
Serial Interface of
RS-232
Serial Interface of
RS-232
Motorola Data Bus (68 Mode) Interconnections
VCC
UART_RESET#
(no connect)
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
UART
Channel A
UART
Channel B
UART
Channel C
Similar
to Ch A
Similar
to Ch A
Similar
to Ch A
INTC
(no connect)
INTD
(no connect)
A4
CSC#
CSD#
VCC
16/68#
UART
Channel D


Similar Part No. - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com