Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT16C854 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT16C854
Description  2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16C854 Datasheet(HTML) 3 Page - Exar Corporation

  XRT16C854 Datasheet HTML 1Page - Exar Corporation XRT16C854 Datasheet HTML 2Page - Exar Corporation XRT16C854 Datasheet HTML 3Page - Exar Corporation XRT16C854 Datasheet HTML 4Page - Exar Corporation XRT16C854 Datasheet HTML 5Page - Exar Corporation XRT16C854 Datasheet HTML 6Page - Exar Corporation XRT16C854 Datasheet HTML 7Page - Exar Corporation XRT16C854 Datasheet HTML 8Page - Exar Corporation XRT16C854 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
xr
XR16C854/854D
REV. 3.0.1
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
3
FIGURE 3. PIN OUT ASSIGNMENT FOR PLCC PACKAGES IN 16 AND 68 MODE AND LQFP PACKAGES
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR16C854CJ
68-Lead PLCC
0°C to +70°C
Active
XR16C854IJ
68-Lead PLCC
-40°C to +85°C
Active
XR16C854CV
64-Lead LQFP
0°C to +70°C
Active
XR16C854IV
64-Lead LQFP
-40°C to +85°C
Active
XR16C854DCV
64-Lead LQFP
0°C to +70°C
Active
XR16C854DIV
64-Lead LQFP
-40°C to +85°C
Active
XR16C854CQ
100-Lead QFP
0°C to +70°C
Active
XR16C854IQ
100-Lead QFP
-40°C to +85°C
Active
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
DSRA#
CTSA#
DTRA#
VCC
RTSA#
INTA
CSA#
TXA
IOW#
TXB
CSB#
INTB
RTSB#
GND
DTRB#
CTSB#
DSRB#
DSRD#
CTSD#
DTRD#
GND
RTSD#
INTD
CSD#
TXD
IOR#
TXC
CSC#
INTC
RTSC#
VCC
DTRC#
CTSC#
DSRC#
XR16C854
68-pin PLCC
16 Mode
(16/68# pin connected to VCC)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
DSRA#
CTSA#
DTRA#
VCC
RTSA#
IRQ#
CS#
TXA
R/W#
TXB
A3
N.C.
RTSB#
GND
DTRB#
CTSB#
DSRB#
DSRD#
CTSD#
DTRD#
GND
RTSD#
N.C.
N.C.
TXD
N.C.
TXC
A4
N.C.
RTSC#
VCC
DTRC#
CTSC#
DSRC#
XR16C854
68-pin PLCC
68 Mode
(16/68# pin connected to GND)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DSRA#
CTSA#
DTRA#
VCC
RTSA#
INTA
CSA#
TXA
IOW#
TXB
CSB#
INTB
RTSB#
GND
DTRB#
CTSB#
DSRD#
CTSD#
DTRD#
GND
RTSD#
INTD
CSD#
TXD
IOR#
TX
C
CSC#
INTC
RTSC#
VCC
DTRC#
CTSC#
XR16C854
XR16C854D
64-pin LQFP
16 Mode only


Similar Part No. - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com