Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT16C854 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT16C854
Description  2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16C854 Datasheet(HTML) 1 Page - Exar Corporation

  XRT16C854 Datasheet HTML 1Page - Exar Corporation XRT16C854 Datasheet HTML 2Page - Exar Corporation XRT16C854 Datasheet HTML 3Page - Exar Corporation XRT16C854 Datasheet HTML 4Page - Exar Corporation XRT16C854 Datasheet HTML 5Page - Exar Corporation XRT16C854 Datasheet HTML 6Page - Exar Corporation XRT16C854 Datasheet HTML 7Page - Exar Corporation XRT16C854 Datasheet HTML 8Page - Exar Corporation XRT16C854 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
XR16C854/854D
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
AUGUST 2005
REV. 3.0.1
GENERAL DESCRIPTION
The XR16C854/854D1 (854) is an enhanced quad
Universal Asynchronous Receiver and Transmitter
(UART) each with 128 bytes of transmit and receive
FIFOs, transmit and receive FIFO counters and
trigger levels, automatic hardware and software flow
control, and data rates of up to 2 Mbps. Each UART
has a set of registers that provide the user with
operating
status
and
control,
receiver
error
indications, and modem serial interface controls.
System interrupts may be tailored to meet design
requirements. An internal loopback capability allows
onboard diagnostics. The 854 is available in 64-pin
LQFP, 68-pin PLCC and 100-pin QFP packages. The
64-pin package only offers the 16 mode interface, but
the 68 and 100 pin packages offer an additional 68
mode interface which allows easy integration with
Motorola processors.
The XR16C854CV (64 pin)
offers three state interrupt outputs while the
XR16C854DV provides continuous interrupt outputs.
The 100 pin package provides additional FIFO status
outputs (TXRDY# and RXRDY# A-D), separate
infrared transmit data outputs (IRTX A-D) and
channel C external clock input (CHCCLK).
The
XR16C854/854D is compatible with the industry
standard ST16C554/554D and ST16C654/654D.
NOTE: 1 Covered by U.S. Patent #5,649,122 and #5,949,787.
FEATURES
Added feature in devices with top mark date code of
"F2 YYWW" and newer:
5 volt tolerant inputs
2.97 to 5.5 Volt Operation
Pin-to-pin compatible with the industry standard
ST16C554 and ST16C654 and TI’s TL16C554N
and TL16C754BFN
Intel or Motorola Data Bus Interface select
Four independent UART channels
Register Set Compatible to 16C550
Data rates of up to 2 Mbps
Transmit and Receive FIFOs of 128 bytes
Programmable TX and RX FIFO Trigger Levels
Transmit and Receive FIFO Level Counters
Automatic Hardware (RTS/CTS) Flow Control
Selectable Auto RTS Flow Control Hysteresis
Automatic Software (Xon/Xoff) Flow Control
Wireless Infrared (IrDA 1.0) Encoder/Decoder
Sleep Mode (200 uA typical)
Crystal oscillator or external clock input
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FIGURE 1. XR16C854 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
Data Bus
Interface
UART Channel A
128 Byte TX FIFO
128 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.97V to 5.5V VCC
GND
854 BLK
TXB, RXB, IRTXB, DTRB#,
DSRB#, RTSB#, CTSB#,
CDB#, RIB#, OP2B#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
16/68#
CSB#
INTA
INTB
IOW#
IOR#
Reset
INTSEL
CHCCLK
TXRDY# A-D
RXRDY# A-D
UART Channel C
(same as Channel A)
TXA, RXA, IRTXA, DTRA#,
DSRA#, RTSA#, CTSA#,
CDA#, RIA#, OP2A#
TXC, RXC, IRTXC, DTRC#,
DSRC#, RTSC#, CTSC#,
CDC#, RIC#, OP2C#
UART Channel D
(same as Channel A)
TXD, RXD, IRTXD, DTRD#,
DSRD#, RTSD#, CTSD#,
CDD#, RID#, OP2D#
CSC#
CSD#
INTC
INTD


Similar Part No. - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com