Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT16L2552 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT16L2552
Description  2.25V TO 5.5V DUART WITH 16-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16L2552 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT16L2552 Datasheet HTML 7Page - Exar Corporation XRT16L2552 Datasheet HTML 8Page - Exar Corporation XRT16L2552 Datasheet HTML 9Page - Exar Corporation XRT16L2552 Datasheet HTML 10Page - Exar Corporation XRT16L2552 Datasheet HTML 11Page - Exar Corporation XRT16L2552 Datasheet HTML 12Page - Exar Corporation XRT16L2552 Datasheet HTML 13Page - Exar Corporation XRT16L2552 Datasheet HTML 14Page - Exar Corporation XRT16L2552 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
xr
XR16L2552
REV. 1.1.1
2.25V TO 5.5V DUART WITH 16-BYTE FIFO
11
To obtain maximum data rate, it is necessary to use full rail swing on the clock input. See external clock
operating frequency over power supply voltage chart in Figure 6.
The L2552 divides the basic external clock by 16. The basic 16X clock provides table rates to support standard
and custom applications using the same system design. The Baud Rate Generator divides this 16X clock by
any divisor from 1 to 216 -1. The rate table is configured via the DLL and DLM internal register functions.
Customized Baud Rates can be achieved by selecting the proper divisor values for the MSB and LSB sections
of baud rate generator.
Table 5 shows the standard data rates available with a 14.7456 MHz crystal or external clock at 16X sampling
rate. When using a non-standard frequency crystal or external clock, the divisor value can be calculated for
DLL/DLM with the following equation.
FIGURE 6. OPERATING FREQUENCY CHART. REQUIRES A 2K OHMS PULL-UP RESIS-
TOR ON
XTAL2 PIN TO INCREASE OPERATING SPEED
divisor (decimal) = (XTAL1 or External clock frequency ) / (serial data rate x 16)
TABLE 5: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate
MCR Bit-7=0
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM PROGRAM
VALUE (HEX)
DLL PROGRAM
VALUE (HEX)
DATA RATE
ERROR (%)
400
2304
900
09
00
0
2400
384
180
01
80
0
4800
192
C0
00
C0
0
9600
96
60
00
60
0
19.2k
48
30
00
30
0
38.4k
24
18
00
18
0
76.8k
12
0C
00
0C
0
60
50
40
30
3.0
4.5
5.5
3.5 4.0
5.0
Suppy Voltage
70
80
85oC
25oC
-40oC
Operating frequency for XR16L2552
with external clock and a 2K ohms
pull-up resistor on XTAL2 pin.


Similar Part No. - XRT16L2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results

Similar Description - XRT16L2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com