Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT16L2552 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT16L2552
Description  2.25V TO 5.5V DUART WITH 16-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16L2552 Datasheet(HTML) 3 Page - Exar Corporation

  XRT16L2552 Datasheet HTML 1Page - Exar Corporation XRT16L2552 Datasheet HTML 2Page - Exar Corporation XRT16L2552 Datasheet HTML 3Page - Exar Corporation XRT16L2552 Datasheet HTML 4Page - Exar Corporation XRT16L2552 Datasheet HTML 5Page - Exar Corporation XRT16L2552 Datasheet HTML 6Page - Exar Corporation XRT16L2552 Datasheet HTML 7Page - Exar Corporation XRT16L2552 Datasheet HTML 8Page - Exar Corporation XRT16L2552 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
xr
XR16L2552
REV. 1.1.1
2.25V TO 5.5V DUART WITH 16-BYTE FIFO
3
PIN DESCRIPTIONS
Pin Description
NAME
48-TQFP
PIN#
44-PLCC
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
10
9
4
15
14
10
I
Address data lines [2:0]. These 3 address lines select one of the internal reg-
isters in UART channel A/B during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
3
2
1
48
47
46
45
44
9
8
7
6
5
4
3
2
I/O
Data bus lines [7:0] (bidirectional).
IOR#
20
24
I
Input/Output Read Strobe (active low). The falling edge instigates an internal
read cycle and retrieves the data byte from an internal register pointed to by
the address lines [A2:A0]. The data byte is placed on the data bus to allow the
host processor to read it on the rising edge.
IOW#
15
20
I
Input/Output Write Strobe (active low). The falling edge instigates an internal
write cycle and the rising edge transfers the data byte on the data bus to an
internal register pointed by the address lines.
CS#
13
18
I
UART chip select (active low). This function selects channel A or B in accor-
dance with the logical state of the CHSEL pin. This allows data to be trans-
ferred between the user CPU and the L2552.
CHSEL
11
16
I
Channel Select - UART channel A or B is selected by the logical state of this
pin when the CS# pin is a logic 0. A logic 0 on the CHSEL selects the UART
channel B while a logic 1 selects UART channel A. Normally, CHSEL could
just be an address line from the user CPU such as A3. Bit-0 of the Alternate
Function Register (AFR) can temporarily override CHSEL function, allowing
the user to write to both channel register simultaneously with one write cycle
when CS# is low. It is especially useful during the initialization routine.
INTA
30
34
O
UART channel A Interrupt output (active high). A logic high indicates channel
A is requesting for service.
INTB
12
17
O
UART channel B Interrupt output (active high). A logic high indicates channel
B is requesting for service.
TXRDYA#
43
1
O
UART channel A Transmitter Ready (active low). The output provides the TX
FIFO/THR status for transmit channel A. If it is not used, leave it uncon-
nected.
RXRDYA#
31
-
O
UART channel A Receiver Ready (active low). This output provides the RX
FIFO/RHR status for receive channel A. This pin is only available on the 48-
pin TQFP package. If it is not used, leave it unconnected.
TXRDYB#
28
32
O
UART channel B Transmitter Ready (active low). The output provides the TX
FIFO/THR status for transmit channel B. If it is not used, leave it uncon-
nected.


Similar Part No. - XRT16L2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results

Similar Description - XRT16L2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com