Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT16L2552 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT16L2552
Description  2.25V TO 5.5V DUART WITH 16-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16L2552 Datasheet(HTML) 5 Page - Exar Corporation

  XRT16L2552 Datasheet HTML 1Page - Exar Corporation XRT16L2552 Datasheet HTML 2Page - Exar Corporation XRT16L2552 Datasheet HTML 3Page - Exar Corporation XRT16L2552 Datasheet HTML 4Page - Exar Corporation XRT16L2552 Datasheet HTML 5Page - Exar Corporation XRT16L2552 Datasheet HTML 6Page - Exar Corporation XRT16L2552 Datasheet HTML 7Page - Exar Corporation XRT16L2552 Datasheet HTML 8Page - Exar Corporation XRT16L2552 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
xr
XR16L2552
REV. 1.1.1
2.25V TO 5.5V DUART WITH 16-BYTE FIFO
5
RIB#
27
31
I
UART channel B Ring-Indicator (active low) or general purpose input. This
input should be connected to VCC when not used. This input has no effect on
the UART.
MFA#
32
35
O
Multi-Function Output Channel A. This output pin can function as the OP2A#,
BAUDOUTA#, or RXRDYA# pin. One of these output signal functions can be
selected by the user programmable bits 1-2 of the Alternate Function Register
(AFR). These signal functions are described as follows:
1) OP2A# - When OP2A# (active low) is selected, the MF# pin is a logic 0
when MCR bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a
logic 1 condition after a reset or power-up.
2) BAUDOUTA# - When BAUDOUTA# function is selected, the 16X Baud rate
clock output is available at this pin.
3) RXRDYA# - RXRDYA# (active low) is intended for monitoring DMA data
transfers. If using the 48-TQFP package, this output is already available at pin
31.
If it is not used, leave it unconnected.
MFB#
14
19
O
Multi-Function Output ChannelB. This output pin can function as the OP2B#,
BAUDOUTB#, or RXRDYB# pin. One of these output signal functions can be
selected by the user programmable bits 1-2 of the Alternate Function Register
(AFR). These signal functions are described as follows:
1) OP2B# - When OP2B# (active low) is selected, the MF# pin is a logic 0
when MCR bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a
logic 1 condition after a reset or power-up.
2) BAUDOUTB# - When BAUDOUTB# function is selected, the 16X Baud rate
clock output is available at this pin.
3) RXRDYB# - RXRDYB# (active low) is intended for monitoring DMA data
transfers. If using the 48-TQFP package, this output is already available at pin
8.
If it is not used, leave it unconnected.
ANCILLARY SIGNALS
XTAL1
5
11
I
Crystal or external clock input.
XTAL2
7
13
O
Crystal or buffered clock output.
RESET
16
21
I
Reset (active high) - A longer than 40 ns logic 1 pulse on this pin will reset the
internal registers and all outputs. The UART transmitter output will be held at
logic 1, the receiver input will be ignored and outputs are reset during reset
period (see External Reset Conditions).
VCC
29, 42
44, 33
Pwr 2.25V to 5.5V power supply. All input pins are 5V tolerant.
GND
6, 17
22, 12
Pwr Power supply common, ground.
Pin Description
NAME
48-TQFP
PIN#
44-PLCC
PIN #
TYPE
DESCRIPTION


Similar Part No. - XRT16L2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results

Similar Description - XRT16L2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com